Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTS2012 Datasheet(PDF) 5 Page - DinTek Semiconductor Co,.Ltd

Part # DTS2012
Description  N-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS2012 Datasheet(HTML) 5 Page - DinTek Semiconductor Co,.Ltd

  DTS2012 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.
5
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
2
4
6
8
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Package Limited
Power Derating
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25
50
75
100
125
150
TF - Foot Temperature (°C)
DTS
www.
daysemi.jp



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com