Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTS2012 Datasheet(PDF) 1 Page - DinTek Semiconductor Co,.Ltd

Part # DTS2012
Description  N-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTS2012 Datasheet(HTML) 1 Page - DinTek Semiconductor Co,.Ltd

  DTS2012 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd DTS2012 Datasheet HTML 9Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.daysemi.jp
1
N-Channel 30 V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•TrenchFET® Power MOSFET
•
Typical ESD Protection 2000 V HBM
•
100 % Rg Tested
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Portable Devices
- Load Switch
- Battery Switch
•
Load Switch for Motors, Relays and Solenoids
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
a
Qg (Typ.)
30
0.045 at VGS = 10 V
4
4 nC
0.049 at VGS = 4.5 V
4
0.060 at VGS = 2.5 V
4
Notes:
a. Package limited, TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 125 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4a
A
TC = 70 °C
4a
TA = 25 °C
4a, b, c
TA = 70 °C
3.7b, c
Pulsed Drain Current (t = 300 µs)
IDM
20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
2.3a
TA = 25 °C
1.3b, c
Maximum Power Dissipation
TC = 25 °C
PD
2.8
W
TC = 70 °C
1.8
TA = 25 °C
1.56b, c
TA = 70 °C
1.0b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
D
S
G
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
 5 s
RthJA
60
80
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
34
45
Top View
SOT-323
SC-70 (3-LEADS)
G
S
D
1
2
3
DTS
www.
daysemi.jp


Similar Part No. - DTS2012

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2012 DINTEK-DTS2012 Datasheet
1Mb / 9P
N-Channel 30 V (D-S) MOSFET Halogen-free
DTS2012 DINTEK-DTS2012_13 Datasheet
1Mb / 9P
N-Channel 30 V (D-S) MOSFET Halogen-free
More results

Similar Description - DTS2012

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com