Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7723 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7723
Description  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7723 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7723 Datasheet HTML 5Page - Analog Devices AD7723 Datasheet HTML 6Page - Analog Devices AD7723 Datasheet HTML 7Page - Analog Devices AD7723 Datasheet HTML 8Page - Analog Devices AD7723 Datasheet HTML 9Page - Analog Devices AD7723 Datasheet HTML 10Page - Analog Devices AD7723 Datasheet HTML 11Page - Analog Devices AD7723 Datasheet HTML 12Page - Analog Devices AD7723 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AD7723
–9–
REV. 0
PIN FUNCTION DESCRIPTIONS
Mnemonic
Pin No.
Description
AVDD1
11
Digital Logic Power Supply Voltage for the Analog Modulator.
AGND1
9, 10
Digital Logic Power Supply Ground for the Analog Modulator.
AVDD
17, 26
Positive Power Supply Voltage for the Analog Modulator.
AGND
16, 18, 25
Power Supply Ground for the Analog Modulator.
AGND2
22
Power Supply Ground Return to the Reference Circuitry, REF2, of the Analog Modulator.
DVDD
39
Digital Power Supply Voltage; +5 V
± 5%.
DGND
6, 28
Ground Reference for Digital Circuitry.
REF1
21
Reference Output. REF1 connects through 3 k
Ω to the output of the internal 2.5 V reference and to
a buffer amplifier that drives the
Σ−∆ modulator.
REF2
23
Reference Input. REF2 connects to the output of an internal buffer amplifier that drives the
Σ−∆
modulator. When REF2 is used as an input, REF1 must be connected to AGND to disable the inter-
nal buffer amplifier.
VIN(+)
20
Positive Terminal of the Differential Analog Input.
VIN(–)
19
Negative Terminal of the Differential Analog Input.
UNI
24
Analog Input Range Select Input. The UNI pin selects the analog input range for either bipolar or unipo-
lar operation. A logic high input selects unipolar operation and a logic low selects bipolar operation.
CLKIN
12
Clock Input. An external clock source can be applied directly to this pin with XTAL_OFF tied high.
Alternatively, a parallel resonant fundamental frequency crystal, in parallel with a 1 M
Ω resistor can
be connected between the XTAL pin and the CLKIN pin with XTAL_OFF tied low. External
capacitors are then required from the CLKIN and XTAL pins to ground. Consult the crystal
manufacturer’s recommendation for the load capacitors.
XTAL
13
Input to Crystal Oscillator Amplifier. If an external clock is used, XTAL should be tied to AGND1.
XTAL_OFF
14
Oscillator Enable Input. A logic high disables the crystal oscillator amplifier to allow use of an exter-
nal clock source. Set low when using an external crystal between the CLKIN and XTAL pins.
MODE1/2
8, 7
Mode Control Inputs. The MODE1 and MODE2 pins choose either parallel or serial data interface
operation and select the operating mode for the digital filter in parallel mode. Refer to Tables I and II.
HALF_PWR
15
When set high, the power dissipation is reduced by approximately one-half and a maximum CLKIN
frequency of 10 MHz applies.
SYNC
29
Synchronization Logic Input. When using more than one AD7723, operated from a common master
clock, SYNC allows each ADC to simultaneously sample its analog input and update its output
register. A rising edge resets the AD7723 digital filter sequencer counter to zero. When the rising
edge of CLKIN senses a logic low on SYNC, the reset state is released. Because the digital filter and
sequencer are completely reset during this action, SYNC pulses cannot be applied continuously.
STBY
27
Standby Logic Input. A logic high sets the AD7723 into the power-down state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com