Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7723 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7723
Description  16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7723 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7723 Datasheet HTML 14Page - Analog Devices AD7723 Datasheet HTML 15Page - Analog Devices AD7723 Datasheet HTML 16Page - Analog Devices AD7723 Datasheet HTML 17Page - Analog Devices AD7723 Datasheet HTML 18Page - Analog Devices AD7723 Datasheet HTML 19Page - Analog Devices AD7723 Datasheet HTML 20Page - Analog Devices AD7723 Datasheet HTML 21Page - Analog Devices AD7723 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
AD7723
–18–
REV. 0
Figures 32 and 33 show two such circuits for driving the AD7723.
Figure 32 is intended for use when the input signal is biased
about 2.5 V while Figure 33 is used when the input signal is
biased about ground. While both circuits convert the input
signal into a complementary signal, the circuit in Figure 33
also level shifts the signal so that both outputs are biased
about 2.5 V.
Suitable op amps include the AD8047, AD8044, AD8041 and
its dual equivalent the AD8042. The AD8047 has lower input
noise than the AD8041/42 but has to be supplied from a +7.5 V/
–2.5 V supply. The AD8041/AD8042 will typically degrade
SNR from 90 dB to 88 dB but can be powered from the same
single +5 V supply as the AD7723.
AD8047
AD8047
10k
220
27
220pF
A1
A2
VIN(+)
VIN(–)
REF1
REF2
AD7723
10nF
220nF
220
27
AIN =
2V
BIASED
ABOUT 2.5V
RSOURCE
50
1 F
RIN
390
RFB
220
GAIN = 2
RFB/(RSOURCE + RIN)
Figure 32. Single-Ended to Differential Input Circuit for
Bipolar Mode Operation (Analog Input Biased About +2.5 V)
AD8047
AD8047
RFB
220
220
27
220pF
A1
A2
VIN(+)
VIN(–)
REF1
REF2
AD7723
10nF
220nF
220
27
AIN =
2V
BIASED
ABOUT
GROUND
1 F
RSOURCE
50
RIN
390
RBALANCE1
220
GAIN = 2
RFB/(RIN + RSOURCE)
RBALANCE1 = RBALANCE2
(RIN + RSOURCE)/(2
RFB)
RREF2 = RREF1
(RIN + RSOURCE)/RFB
RREF1
10k
RREF2
20k
RBALANCE2
RBALANCE2
Figure 33. Single-Ended to Differential Input Circuit for
Bipolar Mode Operation (Analog Input Biased About
Ground)
Applying the Reference
The reference circuitry used in the AD7723 includes an on-chip
2.5 V bandgap reference and a reference buffer circuit. The
block diagram of the reference circuit is shown in Figure 34.
The internal reference voltage is connected to REF1 through a
3k
Ω resistor and is internally buffered to drive the analog
modulator’s switched cap DAC (REF2). When using the inter-
nal reference a 1
µF capacitor is required between REF1 and
AGND to decouple the bandgap noise. If the internal reference
is required to bias external circuits, use an external precision op
amp to buffer REF1.
COMPARATOR
REFERENCE
BUFFER
1V
1 F
REF2
REF1
2.5V
REFERENCE
SWITCHED-CAP
DAC REFERENCED
AD7723
3k
Figure 34. Reference Circuit Block Diagram
Where gain error or gain error drift requires the use of an exter-
nal reference, the reference buffer in Figure 34 can be turned off
by grounding the REF1 pin and the external reference can be
applied directly to pin REF2. The AD7723 will accept an exter-
nal reference voltage between 1.2 V to 3.15 V. By applying a 3 V
rather than a 2.5 V reference, SNR is typically improved by
about 1 dB. Where the output common-mode range of the
amplifier driving the inputs is restricted, the full-scale input
signal span can be reduced by applying a lower than 2.5 V refer-
ence. For example, a 1.25 V reference would make the bipolar
input span
±1 V, but would degrade SNR.
In all cases, since the REF2 voltage connects to the analog
modulator, a 220 nF and 10 nF capacitor must connect directly
from REF2 to AGND. The external capacitor provides the
charge required for the dynamic load presented at the REF2 pin
(See Figure 35).
10nF
220nF
A
B
B
A
4pF
4pF
REF2
SWITCHED-CAP
DAC REFERENCED
CLKIN
A
B
A
B
Figure 35. REF2 Equivalent Input Circuit
The AD780 is ideal to use as an external reference with the
AD7723. Figure 36 shows a suggested connection diagram.
Grounding Pin 8 on the AD780 selects the 3 V output mode.
1
2
3
4
AD780
AD7723
REF2
REF1
+5V
1 F
22nF
220nF
10nF
22 F
NC
+VIN
TEMP
GND
O/P
SELECT
NC
VOUT
TRIM
2.5V
NC = NO CONNECT
8
7
6
5
Figure 36. External Reference Circuit Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com