Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Wi.232FHSS-250-FCC-R Datasheet(PDF) 40 Page - Radiometrix Ltd

Part # Wi.232FHSS-250-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

Wi.232FHSS-250-FCC-R Datasheet(HTML) 40 Page - Radiometrix Ltd

Back Button Wi.232FHSS-250-FCC-R Datasheet HTML 36Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 37Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 38Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 39Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 40Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 41Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 42Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 43Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 44Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
39
Revision 1.1.0
4.1.10. Verbose Mode (regSHOWVER)
regNVSHOWVER (0x0A)
regSHOWVER (0x55)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
B7
B6
B5
B4
B3
B2
B1
B0
7
6
5
4
3
2
1
0
Default Verbose Mode: Enabled (0x01)
Setting this register to 0x00 will suppress the start-up message, including firmware version, which is sent to
the UART when the module is reset. A value of 0x01 will cause the message to be displayed after reset.
By default, the module start-up message will be displayed. The non-volatile counterpart, regSHOWVER,
has no function.
Verbose Mode
Meaning
0x00
Startup message will NOT be displayed upon reset or power-up
0x01
Startup message will be displayed upon reset or power-up. This is a
blocking call, and any incoming UART data will be lost during the
transmission of this message through the TxD pin. All UART
commands must be sent after this message has completed.
0x02
Startup message will be displayed upon reset or power-up. This is a
non-blocking call. Any incoming UART data will be buffered, and
incoming UART commands will be processed. If a change of baud
rate is commanded while the startup message is being output, the
current byte will finish at the current baud rate, and subsequent bytes
will be transmitted at the new baud rate.
* Available in 250-R firmware 1.1.0 and newer only.
Table 16, Verbose Mode Settings
4.1.11. CSMA Enable (regCSMAMODE)
regNVCSMAMODE (0x0B)
regCSMAMODE (0x56)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
B7
B6
B5
B4
B3
B2
B1
B0
7
6
5
4
3
2
1
0
Default CSMA Enable: Enabled (0x01)
Carrier-sense multiple access (CSMA) is a best-effort delivery system that listens to the channel before
transmitting a message. If another Wi.232 module is already transmitting when a message is queued, the
module will wait before sending its payload. This helps to eliminate RF message corruption at the expense
of additional latency. Setting this register to 0x01 will enable CSMA. Setting this register to 0x00 will
disable CSMA. By default, CSMA is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com