Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Wi.232FHSS-250-FCC-R Datasheet(PDF) 54 Page - Radiometrix Ltd

Part # Wi.232FHSS-250-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

Wi.232FHSS-250-FCC-R Datasheet(HTML) 54 Page - Radiometrix Ltd

Back Button Wi.232FHSS-250-FCC-R Datasheet HTML 50Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 51Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 52Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 53Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 54Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 55Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 56Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 57Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 58Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
53
Revision 1.1.0
4.2. Register Summary
4.2.1. Volatile Read/ Write Registers
Volatile Read/ Write Registers
Name
Address
Description
regCRCERRCOUNT
0x40
CRC error count value
regHOPTABLE
0x4B
Hop Table
regPWRMODE
0x4D
Power amplifier setting
regUARTDATARATE
0x4E
UART data rate
regNETWORKMODE
0x4F
Sets addressing mode
regTXTO
0x50
UART to transmitter timeout
regMAXTXRETRY
0x52
Maximum times to retry packet transmission
regUSECRC
0x53
Enable/Disable CRC checking
regUARTMTU
0x54
Minimum transmission unit
regSHOWVERSION
0x55
Non-functional – Use regNVSHOWVERSION
regCSMAMODE
0x56
Enable/disable CSMA
regOPMODE
0x58
Sets operating mode
regACKONWAKE
0x59
Enable/Disable ACK sent to UART upon wake from
regUSERDESTID[3]
0x5A
Destination Address for User Packet Type, extended
regUSERDESTID[2]
0x5B
Destination Address for User Packet Type, extended
regUSERDESTID[1]
0x5C
Destination Address for User Packet Type
regUSERDESTID[0]
0x5D
Destination Address for User Packet Type
regUSERSRCID[3]
0x5E
Source Address for User Packet Type, extended
regUSERSRCID[2]
0x5F
Source Address for User Packet Type, extended
regUSERSRCID[1]
0x60
Source Address for User Packet Type
regUSERSRCID[0]
0x61
Source Address for User Packet Type
regUSERIDMASK[3]
0x62
Address Mask for User Packet Type, extended
regUSERIDMASK[2]
0x63
Address Mask for User Packet Type, extended
regUSERIDMASK[1]
0x64
Address Mask for User Packet Type
regUSERIDMASK[0]
0x65
Address Mask for User Packet Type
regDESTGUID[3]
0x68
Sets MAC Address Destination
regDESTGUID[2]
0x69
Sets MAC Address Destination
regDESTGUID[1]
0x6A
Sets MAC Address Destination
regDESTGUID[0]
0x6B
Sets MAC Address Destination
regEXCEPTIONMASK
0x6C
Exception and Mask used to activate exception pin
regCMDHALT*
0x6E
Halt RF traffic when CMD pin is low
regLNAMODE*
0x6F
Receiver LNA gain/linearity setting
regCOMPATMODE**
0x70
Compatibility mode for 25(-R) / 250-R intercommunication
regAUTADDMODE**
0x71
Sets Auto-address mode
* supported in 25(-R) module f/w v1.0.4 and 250-R f/w v1.0.5 and newer
** supported in 250(-R) module f/w v1.0.5 and newer
Table 23, Volatile Read/ Write Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com