Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR0201JVR010F Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # CSR0201JVR010F
Description  Current Sensing Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CSR0201JVR010F Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  CSR0201JVR010F Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
 
 
 
Rev. 7
 
Current Sensing Chip Resistor
MERITEK
CSR Series
Low TCR Electrical Specifications
      Item
Type
Power Rating
at 70°C
Operating Temp.
Range
Resistance Range
(mΩ)
TCR
(PPM/°C)
±1%
±2%
±5%
CSR0805
1/8W
-55 ~ +155
C
100 - 1000
±100
CSR1206
1/4W
100 - 1000
±100
CSR1210
1/2W
75 - 1000
±100
CSR2010
3/4W
50 - 1000
±100
CSR2512
1W
20 - 1000
±100
CSR2512
2W
50 - 1000
±100
CSR3720
1W
100 - 500
±100
CSR7520
2W
50 - 350
±100
Operating Voltage=√(P*R) ; Overload Voltage=2.5*√(P*R) ; Operating Current=√(P/R)
 
Soldering Condition 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
IR Reflow Soldering
Wave Soldering (Flow Soldering)
(1)Time of IR reflow soldering at maximum temperature point 260
C:10s
(2)Time of wave soldering at maximum temperature point 260
C:10s
(3)Time of soldering iron at maximum temperature point 410
C:5s
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com