Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR0201JVR010F Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CSR0201JVR010F
Description  Current Sensing Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CSR0201JVR010F Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CSR0201JVR010F Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
 
 
Rev. 7
 
Current Sensing Chip Resistor
MERITEK
CSR Series
 
Feature and Applications
Low TCR of ±100 PPM/°C
Resistance values from 1m to 1 ohm
3 Watts power rating in 1 Watt size, 1225 package
High purity alumina substrate for high power dissipation
 
Long side terminations with higher power rating
Power Management Applications
Switching Power Supply
Over Current Protection in Audio Applications
Voltage Regulation Module (VRM)
DC-DC Converter, Battery Pack, Charger, Adaptor
Automotive Engine Control
Disk Driver
 
 
PART NUMBERING SYSTEM
CSR
0603
G
U
1001 C
Current Sensing Chip Resistors
SIZE
0201
0402
0603
0805
1206
1210
2010
2512
1225
3720
7520
TCR (PPM/°C)
E
F
G
H
J
K
R
±100
±200
±300
±400
±600
±150
±1000
Power Rating
S
A
T
Q
U
V
W
2W
1.5W
1W
3/4W
1/2W
1/4W
1/8W
Resistance Value
R010
R100
1R00
0.01Ω
0.1Ω
1Ω
Resistance Tolerance
Code
F
G
J
Value
±1%
±2%
±5%
 
 
Derating Curve 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
Ambient Temperature(℃)


Similar Part No. - CSR0201JVR010F

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CSR0201JK1R00-HP SEI-CSR0201JK1R00-HP Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
CSR0201JK51L0-HP SEI-CSR0201JK51L0-HP Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
CSR0201JKR350-HP SEI-CSR0201JKR350-HP Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
CSR0201JT1R00-HP SEI-CSR0201JT1R00-HP Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
CSR0201JT51L0-HP SEI-CSR0201JT51L0-HP Datasheet
367Kb / 9P
Thick Film Current Sensing Resistor
6/21/202
More results

Similar Description - CSR0201JVR010F

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402 Datasheet
233Kb / 1P
Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR731ET KOA-UR731ET Datasheet
108Kb / 2P
current sensing chip resistor
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
Current Sensing Chip Resistor
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402_13 Datasheet
168Kb / 2P
Current Sensing Chip Resistor
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73 KOA-UR73 Datasheet
470Kb / 2P
current sensing chip resistor
logo
Token Electronics Indus...
TCS TOKEN-TCS Datasheet
856Kb / 10P
Chip Current Sensing Precision Resistor
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
Current Sensing Metal Chip Resistor
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
361Kb / 6P
Metal Plate Current Sensing Chip Resistor
10/22/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com