Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB6C Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MB6C
Description  Low Capacitance, Super Low Clamping Voltage Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MB6C Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MB6C Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MB6C Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MB6C Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MB6C Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MB6C Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Abstract: It describes characteristics’ advantage of MB6C, structure graphics, compliant to
surge standard test system, electrical characteristics index, 4KV lightning surge
comparing test and related application.
Keywords: SMB package, clamping voltage, comparing test, placement graphics
MB6C is bidirectional transient voltage suppressor of low profile package (SMB). It has
several advantages such as responding less than 1 picosecond, low clamping voltage and
super low capacitance. Compared to TSS P0080SX series products which have
disadvantage of high clamping voltage, MB6C can protect the next circuit directly.
Because MB6C responds very rapidly and lower clamping voltage, low capacitance, it
is ideal for protecting communication I/O data line which has high frequency.
SMB
MB6C Series
MERITEK
STRUCTURE GRAPHICS
All specifications are subject to change without notice.
1
Rev 7


Similar Part No. - MB6C

ManufacturerPart #DatasheetDescription
logo
GREATECS
MB6 GREATECS-MB6 Datasheet
158Kb / 4P
SMT Double Action Switch
logo
List of Unclassifed Man...
MB6 ETC2-MB6 Datasheet
541Kb / 3P
Multipurpose Boxes with Lids
logo
Multicomp Pro
MB6 MULTICOMP-MB6 Datasheet
204Kb / 2P
Multipurpose Boxes with Lids
21/05/21 V1.0
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
Magnetic field sensor
MB60-8GM50-E2 PF-MB60-8GM50-E2 Datasheet
207Kb / 2P
Magnetic field sensor
More results

Similar Description - MB6C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BSAC5.0 RECTRON-BSAC5.0 Datasheet
414Kb / 5P
LOW CAPACITANCE TRANSZORB Transient Voltage Suppressors
SAC5.0 RECTRON-SAC5.0 Datasheet
298Kb / 3P
Low Capacitance TRANSZORB Transient Voltage Suppressors
logo
Frontier Electronics.
LCP6KE6.8 FRONTIER-LCP6KE6.8 Datasheet
123Kb / 2P
LOW CAPACITANCE 600W TRANSIENT VOLTAGE SUPPRESSORS
logo
MERITEK ELECTRONICS COR...
MB6A MERITEK-MB6A Datasheet
355Kb / 5P
Low Capacitance, Super Low Clamping Voltage Transient Voltage Suppressors
logo
Leshan Radio Company
LESD9B5.0ST5G LRC-LESD9B5.0ST5G Datasheet
454Kb / 4P
Transient Voltage Suppressors for ESD Protection Low Clamping Voltage
logo
ON Semiconductor
CM1250-04QF ONSEMI-CM1250-04QF Datasheet
102Kb / 4P
Low Capacitance Transient Voltage Suppressors
March, 2011 ??Rev. 3
CM1248-04QG ONSEMI-CM1248-04QG_11 Datasheet
103Kb / 4P
Low Capacitance Transient Voltage Suppressors
February, 2011 ??Rev. 4
CM1248-08DE ONSEMI-CM1248-08DE_11 Datasheet
103Kb / 4P
Low Capacitance Transient Voltage Suppressors
February, 2011 ??Rev. 4
CM1250-04QG ONSEMI-CM1250-04QG_11 Datasheet
103Kb / 4P
Low Capacitance Transient Voltage Suppressors
March, 2011 ??Rev. 4
logo
Shanghai Leiditech Elec...
SACA5.0 LEIDITECH-SACA5.0 Datasheet
624Kb / 3P
Low Capacitance Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com