Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB6C Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # MB6C
Description  Low Capacitance, Super Low Clamping Voltage Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MB6C Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  MB6C Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MB6C Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MB6C Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MB6C Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MB6C Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Compare with TSS P0080SX surge test, which is compliant with ITU K21 10/700 s 4KV
lightning surge. Here are the results:
PART
NUMBER
10/700μs 4KV lightning
surge wave
Clamping Voltage
Wave
Result
Very low clamping
voltage about 13V,
excellent clamping
ability
MB6C
P0080SX
Clamping voltage up
to 63V, if the
protected circuit’s
withstanding voltage
is not enough, the
protected chip is easy
to be damaged
MB6C Series
MERITEK
CLAMPING ABILITY
V-I CHARACTERISTICS
3
Rev 7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com