Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD790JN Datasheet(PDF) 1 Page - Analog Devices

Part # AD790JN
Description  Fast, Precision Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD790JN Datasheet(HTML) 1 Page - Analog Devices

  AD790JN Datasheet HTML 1Page - Analog Devices AD790JN Datasheet HTML 2Page - Analog Devices AD790JN Datasheet HTML 3Page - Analog Devices AD790JN Datasheet HTML 4Page - Analog Devices AD790JN Datasheet HTML 5Page - Analog Devices AD790JN Datasheet HTML 6Page - Analog Devices AD790JN Datasheet HTML 7Page - Analog Devices AD790JN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Fast, Precision
Comparator
AD790
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
45 ns max Propagation Delay
Single +5 V or Dual
15 V Supply Operation
CMOS or TTL Compatible Output
250
V max Input Offset Voltage
500
V max Input Hysteresis Voltage
15 V max Differential Input Voltage
Onboard Latch
60 mW Power Dissipation
Available in 8-Pin Plastic and Hermetic Cerdip
Packages
MIL-STD-883B Processing Available
Available in Tape and Reel in Accordance with
EIA-481A Standard
APPLICATIONS
Zero-Crossing Detectors
Overvoltage Detectors
Pulse-Width Modulators
Precision Rectifiers
Discrete A/D Converters
Delta-Sigma Modulator A/Ds
PRODUCT DESCRIPTION
The AD790 is a fast (45 ns), precise voltage comparator, with a
number of features that make it exceptionally versatile and easy
to use. The AD790 may operate from either a single +5 V sup-
ply or a dual
±15 V supply. In the single-supply mode, the
AD790’s inputs may be referred to ground, a feature not found
in other comparators. In the dual-supply mode it has the unique
ability of handling a maximum differential voltage of 15 V across
its input terminals, easing their interfacing to large amplitude
and dynamic signals.
This device is fabricated using Analog Devices’ Complementary
Bipolar (CB) process–which gives the AD790’s combination of
fast response time and outstanding input voltage resolution
(1 mV max). To preserve its speed and accuracy, the AD790
incorporates a “low glitch” output stage that does not exhibit
the large current spikes normally found in TTL or CMOS out-
put stages. Its controlled switching reduces power supply distur-
bances that can feed back to the input and cause undesired
oscillations. The AD790 also has a latching function which makes
it suitable for applications requiring synchronous operation.
The AD790 is available in five performance grades. The AD790J
and the AD790K are rated over the commercial temperature
range of 0
°C to +70°C. The AD790A and AD790B are rated
over the industrial temperature range of –40
°C to +85°C. The
AD790S is rated over the military temperature range of –55
°C to
+125
°C and is available processed to MIL-STD-883B, Rev. C.
PRODUCT HIGHLIGHTS
1. The AD790’s combination of speed, precision, versatility
and low cost makes it suitable as a general purpose compara-
tor in analog signal processing and data acquisition systems.
2. Built-in hysteresis and a low-glitch output stage minimize the
chance of unwanted oscillations, making the AD790 easier to
use than standard open-loop comparators.
3. The hysteresis combined with a wide input voltage range
enables the AD790 to respond to both slow, low level (e.g.,
10 mV) signals and fast, large amplitude (e.g., 10 V) signals.
4. A wide variety of supply voltages are acceptable for operation
of the AD790, ranging from single +5 V to dual +5 V/–12 V,
±5 V, or +5 V/±15 V supplies.
5. The AD790’s power dissipation is the lowest of any compara-
tor in its speed range.
6. The AD790’s output swing is symmetric between VLOGIC
and ground, thus providing a predictable output under a
wide range of input and output conditions.
CONNECTION DIAGRAMS
8-Pin Plastic Mini-DIP (N)
and Cerdip (Q) Packages
OUTPUT
LATCH
GROUND
VLOGIC
1
2
3
45
6
7
8
AD790
–
+
+VS
+IN
–IN
–VS
8-Pin SOIC (R) Package
LATCH
GROUND
VLOGIC
+VS
1
2
3
4
5
6
7
8
OUTPUT
AD790
–
+IN
–IN
–VS


Similar Part No. - AD790JN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD790JN AD-AD790JN Datasheet
173Kb / 12P
Fast, Precision Comparator
03/02-Data Sheet changed from REV. B to REV. C.
AD790JN AD-AD790JN Datasheet
158Kb / 12P
Fast, Precision Comparator
REV. D
AD790JN AD-AD790JN Datasheet
353Kb / 11P
Fast, Precision Fast, Precision
23-Feb-2017
AD790JNZ AD-AD790JNZ Datasheet
158Kb / 12P
Fast, Precision Comparator
REV. D
AD790JNZ AD-AD790JNZ Datasheet
353Kb / 11P
Fast, Precision Fast, Precision
23-Feb-2017
More results

Similar Description - AD790JN

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM311 NJRC-NJM311 Datasheet
194Kb / 6P
PRECISION VOLTAGE COMPARATOR
logo
Linear Technology
LT1016 LINER-LT1016 Datasheet
911Kb / 20P
Ultra Fast Precision Comparator
logo
Fairchild Semiconductor
UA734 FAIRCHILD-UA734 Datasheet
509Kb / 10P
PRECISION VOLTAGE COMPARATOR
logo
Analog Devices
AD790 AD-AD790_02 Datasheet
173Kb / 12P
Fast, Precision Comparator
03/02-Data Sheet changed from REV. B to REV. C.
AD790JRZ AD-AD790JRZ Datasheet
179Kb / 12P
Fast, Precision Comparator
REV. D
AD790JNZ AD-AD790JNZ Datasheet
158Kb / 12P
Fast, Precision Comparator
REV. D
AD790 AD-AD790_15 Datasheet
316Kb / 10P
Fast, Precision Comparator
Rev. E
logo
Renesas Technology Corp
PC311 RENESAS-PC311_15 Datasheet
359Kb / 12P
PRECISION VOLTAGE COMPARATOR
logo
Linear Technology
RH1016 LINER-RH1016_15 Datasheet
146Kb / 2P
UltraFast Precision 10ns Comparator
RH1016M LINER-RH1016M_15 Datasheet
121Kb / 6P
UltraFast Precision 10ns Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com