Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8014 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8014
Description  400 MHz Low Power High Performance Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8014 Datasheet(HTML) 3 Page - Analog Devices

  AD8014 Datasheet HTML 1Page - Analog Devices AD8014 Datasheet HTML 2Page - Analog Devices AD8014 Datasheet HTML 3Page - Analog Devices AD8014 Datasheet HTML 4Page - Analog Devices AD8014 Datasheet HTML 5Page - Analog Devices AD8014 Datasheet HTML 6Page - Analog Devices AD8014 Datasheet HTML 7Page - Analog Devices AD8014 Datasheet HTML 8Page - Analog Devices AD8014 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
–3–
REV. B
AD8014
AD8014AR/RT
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Bandwidth Small Signal
G = +1, VO = 0.2 V p-p, RL = 1 kΩ
345
430
MHz
G = –1, VO = 0.2 V p-p, RL = 1 kΩ
100
135
MHz
–3 dB Bandwidth Large Signal
VO = 2 V p-p
75
100
MHz
VO = 2 V p-p, RF = 500 Ω
90
115
MHz
VO = 2 V p-p, RF = 500 Ω, RL = 75 Ω
100
MHz
0.1 dB Small Signal Bandwidth
VO = 0.2 V p-p, RL = 1 kΩ
10
MHz
0.1 dB Large Signal Bandwidth
VO = 2 V p-p
20
MHz
Slew Rate, 25% to 75%, VO = 2 V Step
RL = 1 kΩ, RF = 500 Ω
3900
V/
µs
RL = 1 kΩ
1100
V/
µs
G = –1, RL = 1 kΩ, RF = 500 Ω
1800
V/
µs
G = –1, RL = 1 kΩ
1100
V/
µs
Settling Time to 0.1%
G = +1, VO = 2 V Step, RF = 1 kΩ
24
ns
Rise and Fall Time 10% to 90%
2 V Step
1.9
ns
G = –1, 2 V Step
2.8
ns
Overload Recovery to Within 100 mV
0 V to
±2 V Step at Input
60
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p, RL = 1 k
Ω
–70
dB
fC = 5 MHz, VO = 2 V p-p
–51
dB
fC = 20 MHz, VO = 2 V p-p
–45
dB
SFDR
fC = 20 MHz, VO = 2 V p-p
–47
dB
Input Voltage Noise
f = 10 kHz
3.5
nV/
√Hz
Input Current Noise
f = 10 kHz
5
pA/
√Hz
Differential Gain Error
NTSC, G = +2, RF = 500
Ω
0.06
%
NTSC, G = +2, RF = 500
Ω, R
L = 50
Ω
0.05
%
Differential Phase Error
NTSC, G = +2, RF = 500
Ω
0.03
Degree
NTSC, G = +2, RF = 500
Ω, R
L = 50
Ω
0.30
Degree
Third Order Intercept
f = 10 MHz
22
dBm
DC PERFORMANCE
Input Offset Voltage
25
mV
TMIN–TMAX
26
mV
Input Offset Voltage Drift
10
µV/°C
Input Bias Current
+Input or –Input
5
15
µA
Input Bias Current Drift
50
nA/
°C
Input Offset Current
5
±µA
Open Loop Transresistance
750
1300
k
Ω
INPUT CHARACTERISTICS
Input Resistance
+Input
450
k
Ω
Input Capacitance
+Input
2.3
pF
Input Common-Mode Voltage Range
1.2
1.1 to 3.9
3.8
V
Common-Mode Rejection Ratio
VCM = 1.5 V to 3.5 V
–52
–57
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 150 Ω to 2.5 V
1.4
1.1 to 3.9
3.6
V
RL = 1 kΩ to 2.5 V
1.2
0.9 to 4.1
3.8
V
Output Current
VO = 1.5 V to 3.5 V
30
50
mA
Short Circuit Current
70
mA
Capacitive Load Drive for 30% Overshoot
2 V p-p, RL = 1 kΩ, RF = 500 Ω
55
pF
POWER SUPPLY
Operating Range
4.5
5
12
V
Quiescent Current
1.0
1.15
mA
Power Supply Rejection Ratio
4 V to 5.5 V
–55
–58
dB
Specifications subject to change without notice.
(@ TA = +25 C, VS = +5 V, RL = 150
, RF = 1 k , Gain = +2, unless otherwise noted)
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com