Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8014 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8014
Description  400 MHz Low Power High Performance Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8014 Datasheet(HTML) 4 Page - Analog Devices

  AD8014 Datasheet HTML 1Page - Analog Devices AD8014 Datasheet HTML 2Page - Analog Devices AD8014 Datasheet HTML 3Page - Analog Devices AD8014 Datasheet HTML 4Page - Analog Devices AD8014 Datasheet HTML 5Page - Analog Devices AD8014 Datasheet HTML 6Page - Analog Devices AD8014 Datasheet HTML 7Page - Analog Devices AD8014 Datasheet HTML 8Page - Analog Devices AD8014 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AD8014
–4–
REV. B
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8014 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12.6 V
Internal Power Dissipation2
Small Outline Package (R) . . . . . . . . . . . . . . . . . . . . 0.75 W
SOT-23-5 Package (RT) . . . . . . . . . . . . . . . . . . . . . . 0.5 W
Input Voltage Common Mode . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±2.5 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . . +300
°C
ESD (Human Body Model) . . . . . . . . . . . . . . . . . . . . +1500 V
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only, functional operation of the
device at these or any other conditions above listed in the operational section of this
specification is not implied. Exposure to Absolute Maximum Ratings for any
extended periods may affect device reliability.
2 Specification is for device in free air at 25
°C.
8-Lead SOIC Package
θ
JA = 155
°C/W.
5-Lead SOT-23 Package
θ
JA = 240
°C/W.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the AD8014
is limited by the associated rise in junction temperature. The
maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of the
plastic. This is approximately +150
°C. Even temporarily ex-
ceeding this limit may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the pack-
age. Exceeding a junction temperature of +175
°C may result in
device failure.
The output stage of the AD8014 is designed for large load cur-
rent capability. As a result, shorting the output to ground or to
power supply sources may result in a very large power dissipa-
tion. To ensure proper operation it is necessary to observe the
maximum power derating tables.
Table I. Maximum Power Dissipation vs. Temperature
Ambient Temp
Power Watts
Power Watts
C
SOT-23-5
SOIC
–40
0.79
1.19
–20
0.71
1.06
0
0.63
0.94
+20
0.54
0.81
+40
0.46
0.69
+60
0.38
0.56
+80
0.29
0.44
+100
0.21
0.31
ORDERING GUIDE
Model
Temperature Range
Package Descriptions
Package Options
Brand Code
AD8014AR
1
–40
°C to +85°C
8-Lead SOIC
SO-8
Standard
AD8014ART
2
–40
°C to +85°C
5-Lead SOT-23
RT-5
HAA
AD8014AChips
3
–40
°C to +85°C
Not Applicable
Waffle Pak
Not Applicable
NOTES
1The AD8014AR is also available in 13" Reels of 2500 each and 7" Reels of 750 each.
2Except for samples, the AD8014ART is only available in 7" Reels of 3000 each and 13" Reels of 10000 each.
3The AD8014A Chips are available only in Waffle Pak of 400 each. The thickness of the AD8014A Chip is 12 mils
± 1 mil. The Substrate should be tied to the +V
S
source.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com