Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP0100 Datasheet(PDF) 1 Page - Supertex, Inc

Part # FP0100
Description  Fault Protection Switch with Current Fold-back
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

FP0100 Datasheet(HTML) 1 Page - Supertex, Inc

  FP0100 Datasheet HTML 1Page - Supertex, Inc FP0100 Datasheet HTML 2Page - Supertex, Inc FP0100 Datasheet HTML 3Page - Supertex, Inc FP0100 Datasheet HTML 4Page - Supertex, Inc FP0100 Datasheet HTML 5Page - Supertex, Inc FP0100 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Supertex inc.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
FP0100
Features
► Up to 100V input voltage protection
► Low on resistance – 4.0Ω typical
► Fast switching speed
► No external supplies needed
Applications
► Power supplies
► Fast resettable fuse
► High side switches
► Data acquisition
General Description
The Supertex FP0100 is a high voltage fault protection switch
with current fold-back. It is designed to protect system output
power supplies against over-current or short circuit conditions.
In protection mode, the FP0100 limits the current to 300µA.
The FP0100 can be considered as a normally closed switch
with a typical switch resistance of 4.0Ω. The peak current
allowed to pass through the switch can be set by an external
resistor across VOUT and RSEN. Once the voltage drop
across VIN and VOUT exceeds a nominal value of 3.0V,
the input current will fold-back to 300µA. In the off state, the
FP0100 can withstand up to 100V. Higher input voltages
can be accommodated by using an external depletion-mode
MOSFET. Please refer to Figure 4 for more details. The
FP0100 is available in a SOT-89 package.
Fault Protection Switch
with Current Fold-back
Typical Application Circuit
FP0100
LOAD
+
V
IN
-
VIN
VOUT
RSEN
R
SEN


Similar Part No. - FP0100

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
FP0100BB KNIGHTSBRIDGE-FP0100BB Datasheet
303Kb / 1P
TV Outlet (non-isolated) - Brushed Brass
15/04/2024
FP0100GM KNIGHTSBRIDGE-FP0100GM Datasheet
216Kb / 1P
TV Outlet (non-isolated) - Gunmetal
12/04/2024
logo
Supertex, Inc
FP0100N8-G SUTEX-FP0100N8-G Datasheet
838Kb / 6P
Fault Protection Switch with Current Fold-back
logo
ML Accessories Limited....
FP0100PB KNIGHTSBRIDGE-FP0100PB Datasheet
221Kb / 1P
TV Outlet (non-isolated) - Polished Brass
16/04/2024
FP0100PL KNIGHTSBRIDGE-FP0100PL Datasheet
239Kb / 1P
TV Outlet (non-isolated) - Pearl
15/04/2024
More results

Similar Description - FP0100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4370 MAXIM-MAX4370 Datasheet
226Kb / 16P
Current-Regulating Hot-Swap Controller with DualSpeed/BiLevel Fault Protection
Rev 0; 4/99
logo
Supertex, Inc
FP0060 SUTEX-FP0060 Datasheet
744Kb / 5P
짹60V AC Switch with Current Fold-Back Protection
logo
ON Semiconductor
NCL30082 ONSEMI-NCL30082 Datasheet
395Kb / 32P
Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
February, 2013 ??Rev. P2
NCL30082 ONSEMI-NCL30082_13 Datasheet
364Kb / 33P
Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30083 ONSEMI-NCL30083_13 Datasheet
404Kb / 35P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30083 ONSEMI-NCL30083_15 Datasheet
393Kb / 35P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
January, 2015 ??Rev. 2
logo
Supertex, Inc
FP0100 SUTEX-FP0100_10 Datasheet
838Kb / 6P
Fault Protection Switch with Current Fold-back
logo
Unisonic Technologies
LR9XXYYBG-AE6-R UTC-LR9XXYYBG-AE6-R Datasheet
192Kb / 5P
Built-in Fold Back Protection Circuit
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
logo
Nexperia B.V. All right...
PESD3V3L4BHC NEXPERIA-PESD3V3L4BHC Datasheet
289Kb / 11P
4-fold bidirectional ESD protection array
7 June 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com