Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP0100 Datasheet(PDF) 4 Page - Supertex, Inc

Part # FP0100
Description  Fault Protection Switch with Current Fold-back
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

FP0100 Datasheet(HTML) 4 Page - Supertex, Inc

  FP0100 Datasheet HTML 1Page - Supertex, Inc FP0100 Datasheet HTML 2Page - Supertex, Inc FP0100 Datasheet HTML 3Page - Supertex, Inc FP0100 Datasheet HTML 4Page - Supertex, Inc FP0100 Datasheet HTML 5Page - Supertex, Inc FP0100 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FP0100
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Figure 4. Higher Input Voltage Application
Figure 5. Short Circuit Test Performance
The FP0100 has a typical response time of less than 30ns.
The short circuit test set-up is shown in Figure 5. The output
is at 60V prior to a short. A 10Ω resistor is used to measure
the current going into the FP0100. A 220nF ceramic capaci-
tor is added on the input to supply any transient currents that
might occur. The waveform is shown in Figure 6. Channel 1
is the output voltage which is discharged to 0V. Channel 2 is
the voltage across the 10Ω resistor. The input current peaks
to 400mA then decays quickly within 20ns.
10
FP0100
+
60V
-
VIN
VOUT
RSEN
Short to
Ground
V
OUT
220nF
I
IN
FP0100
VIN
VOUT
RSEN
R
SEN
Input
0 to 450V
DN3545
±7.5V
150k
+
7.5V
-
Output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com