Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8052 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8052
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8052 Datasheet HTML 3Page - Analog Devices AD8052 Datasheet HTML 4Page - Analog Devices AD8052 Datasheet HTML 5Page - Analog Devices AD8052 Datasheet HTML 6Page - Analog Devices AD8052 Datasheet HTML 7Page - Analog Devices AD8052 Datasheet HTML 8Page - Analog Devices AD8052 Datasheet HTML 9Page - Analog Devices AD8052 Datasheet HTML 10Page - Analog Devices AD8052 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
–7–
AD8051/AD8052/AD8054
REV. B
FREQUENCY – MHz
6.3
6.2
5.3
0.1
1
10
100
VS = +5V
G = +2
RL = 150
RF = 806
VO = 0.2V p-p
5.9
5.6
5.5
5.4
6.1
6.0
5.7
5.8
Figure 9. AD8051/AD8052 0.1 dB Gain Flatness vs.
Frequency; G = +2
FREQUENCY – MHz
9
8
–1
0.1
500
1
10
100
5
2
1
0
7
6
3
4
VS AS SHOWN
G = +2
RL = 2k
RF = 2k
VO AS SHOWN
VS = +5V
VO = 2V p-p
VS = 5V
VO = 4V p-p
Figure 10. AD8051/AD8052 Large Signal Frequency
Response; G = +2
FREQUENCY – MHz
80
70
–20
0.01
500
0.1
1
10
100
40
10
0
–10
60
50
20
30
0
–45
–90
–135
–180
GAIN
PHASE
50 PHASE
MARGIN
VS = +5V
RL = 2k
Figure 11. AD8051/AD8052 Open-Loop Gain and
Phase vs. Frequency
6.3
5.9
5.4
6.2
6.1
6.0
5.8
5.7
5.6
5.5
1
100
10
VS = +5V
RF = 200
RL = 150
G = +2
VO = 0.2V p-p
FREQUENCY – MHz
5.3
Figure 12. AD8054 0.1 dB Gain Flatness vs. Frequency;
G = +2
FREQUENCY – MHz
0.1
500
1
10
100
VS = +5V
VO = 2V p-p
VS = 5V
VO = 4V p-p
VS AS SHOWN
G = +2
RL = 2k
RF = 2k
VO AS SHOWN
9
8
7
6
5
4
3
2
1
0
–1
Figure 13. AD8054 Large Signal Frequency Response;
G = +2
80
40
–10
70
60
50
30
20
10
0
–20
30k
100k
1M
10M
100M
GAIN
PHASE
45 PHASE
MARGIN
VS = +5V
RL = 2k
CL = 5pF
FREQUENCY – Hz
180
135
90
45
0
500M
Figure 14. AD8054 Open-Loop Gain and Phase
Margin vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com