Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8052 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8052
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052 Datasheet(HTML) 1 Page - Analog Devices

  AD8052 Datasheet HTML 1Page - Analog Devices AD8052 Datasheet HTML 2Page - Analog Devices AD8052 Datasheet HTML 3Page - Analog Devices AD8052 Datasheet HTML 4Page - Analog Devices AD8052 Datasheet HTML 5Page - Analog Devices AD8052 Datasheet HTML 6Page - Analog Devices AD8052 Datasheet HTML 7Page - Analog Devices AD8052 Datasheet HTML 8Page - Analog Devices AD8052 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8051/AD8052/AD8054
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Low Cost, High Speed
Rail-to-Rail Amplifiers
CONNECTION DIAGRAMS
(Top Views)
FEATURES
Low Cost Single (AD8051), Dual (AD8052) and Quad
(AD8054)
Voltage Feedback Architecture
Fully Specified at +3 V, +5 V and
5 V Supplies
Single Supply Operation
Output Swings to Within 25 mV of Either Rail
Input Voltage Range: –0.2 V to +4 V; VS = +5 V
High Speed and Fast Settling on +5 V:
110 MHz –3 dB Bandwidth (G = +1) (AD8051/AD8052)
150 MHz –3 dB Bandwidth (G = +1) (AD8054)
145 V/ s Slew Rate
50 ns Settling Time to 0.1%
Small Packaging
AD8051 Available in SOT-23-5
AD8052 Available in
SOIC-8
AD8054 Available in TSSOP-14
Good Video Specifications (G = +2)
Gain Flatness of 0.1 dB to 20 MHz; RL = 150
0.03% Differential Gain Error; RL = 1K
0.03 Differential Phase Error; RL = 1K
Low Distortion
–80 dBc Total Harmonic @ 1 MHz, RL = 100
Outstanding Load Drive Capability
Drives 45 mA, 0.5 V from Supply Rails (AD8051/AD8052)
Drives 50 pF Capacitive Load (G = +1) (AD8051/AD8052)
Low Power of 2.75 mA/Amplifier (AD8054)
Low Power of 4.4 mA/Amplifier (AD8051/AD8052)
APPLICATIONS
Coax Cable Driver
Active Filters
Video Switchers
A/D Driver
Professional Cameras
CCD Imaging Systems
CD/DVD ROM
PRODUCT DESCRIPTION
The AD8051 (single), AD8052 (dual) and AD8054 (quad) are
low cost, voltage feedback, high speed amplifiers designed to
operate on +3 V, +5 V or
±5 V supplies. They have true single
supply capability with an input voltage range extending 200 mV
below the negative rail and within 1 V of the positive rail.
Despite their low cost, the AD8051/AD8052/AD8054 provide
excellent overall performance and versatility. The output volt-
age swing extends to within 25 mV of each rail, providing the
maximum output dynamic range with excellent overdrive recov-
ery. This makes the AD8051/AD8052/AD8054 useful for video
electronics such as cameras, video switchers or any high speed
portable equipment. Low distortion and fast settling make them
ideal for active filter applications.
The AD8051/AD8052/AD8054 offer low power supply cur-
rent and can operate on a single +3 V power supply. These
features are ideally suited for portable and battery powered
applications where size and power are critical.
The wide bandwidth and fast slew rate on a single +5 V supply
make these amplifiers useful in many general purpose, high speed
applications where dual power supplies of up to
±6 V and single
supplies from +3 V to +12 V are needed.
All of this low cost performance is offered in an 8-lead SOIC,
along with a tiny SOT-23-5 package (AD8051), a
µSOIC
package (AD8052) and a TSSOP-14 (AD8054).
FREQUENCY – MHz
4.5
0
50
0.1
1
10
3.0
1.5
1.0
0.5
4.0
3.5
2.0
2.5
5.0
VS = +5V
G = –1
RF = 2k
RL = 2k
Figure 1. Low Distortion Rail-to-Rail Output Swing
SOT-23-5 (RT)
R-8,
SOIC (RM)
R-14, TSSOP-14 (RU-14)
SO-8
8
7
6
5
1
2
3
4
NC
–IN
+IN
NC
+VS
VOUT
NC
–VS
AD8051
NC = NO CONNECT
8
7
6
5
1
2
3
4
+
–
+
–
OUT1
–IN1
+IN1
OUT
+VS
–IN2
–VS
AD8052
+IN2
1
2
3
5
4 –IN
+IN
+VS
VOUT
AD8051
+–
–VS
V+
+IN B
OUT B
OUT D
+IN D
V
+IN C
OUT C
AD8054
+IN A
OUT A
IN A
IN B
IN C
IN D
1
2
3
4
5
6
7
14
13
12
11
10
9
8


Similar Part No. - AD8052

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8052 AD-AD8052 Datasheet
502Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8052 AD-AD8052 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8052 AD-AD8052 Datasheet
741Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. K
AD8052AR AD-AD8052AR Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8052AR AD-AD8052AR Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
More results

Similar Description - AD8052

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8091 AD-AD8091 Datasheet
229Kb / 16P
Low-Cost, High-Speed Rail-to-Rail Amplifiers
5/02-Data Sheet changed from REV. 0 to REV. A.
AD8051 AD-AD8051_06 Datasheet
502Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8054 AD-AD8054_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8091 AD-AD8091_16 Datasheet
292Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com