Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TC
Description  Through Hole Transformers Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TC Datasheet(HTML) 1 Page - Vishay Siliconix

  TC Datasheet HTML 1Page - Vishay Siliconix TC Datasheet HTML 2Page - Vishay Siliconix TC Datasheet HTML 3Page - Vishay Siliconix TC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TC
www.vishay.com
Vishay Dale
Revision: 02-Mar-12
1
Document Number: 34077
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Through Hole Transformers Converter
ELECTRICAL SPECIFICATIONS
Transformer Power Rating: 3 W
Isolation, Primary-Secondary: 500 V, 60 Hz. Operating
characteristics may be varied to suit specific applications by
appropriate selection of circuit components
FEATURES
• Designed especially for low-power solid state
circuits
• Designed for mounting on printed circuit boards
• Miniature size for minimum space
• High conversion efficiency from DC input to filtered DC
output
• Compliant to RoHS Directive 2011/65/EU
APPLICATIONS
Power supply for gas discharge display, battery-operated
portable instruments, operational amplifier power supplies
MECHANICAL SPECIFICATIONS
Coil: Secured to bottom of case with epoxy
Terminals: 0.025" [0.635 mm] square, solder plated
OPERATING TEMPERATURE RANGE
- 20 °C to + 80 °C. Intended for use in enclosed commercial
and industrial applications
Note
(1) Specifications relate to transformer when operated in applicable test circuit and at specified load power.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
INPUT
(VDC)
OUTPUT
FREQUENCY
REFERENCE
(kHz)
CIRCUIT
EFFECTIVE
TEST
CIRCUIT
SCHEMATIC
NUMBER
TC-10-01B
3.6
+ 7.2 ± 0.2 VDC at 150 MW
7.5
50 %
1
1
- 7.2 ± 0.2 VDC at 150 MW
TC-10-02B
5
200 ± 10 VDC at 250 MW
11
50 %
2 (1)
4
TC-10-03B
5
200 ± 10 VDC at 250 MW
11
60 %
2
2
+ 15 ± 0.4 VDC at 125 MW
- 15 ± 0.4 VDC at 125 MW
TC-10-04B
5
+ 15 ± 0.4 VDC at 500 MW
8
75 %
3
1
- 15 ± 0.4 VDC at 500 MW
TC-10-05B
5
+ 170 ± 5.1 VDC at 850 MW
11
75 %
4
5
+ 32 ± 1.0 VDC at 510 MW
TC-10-06B
5
+ 35 ± 1.0 VDC at 610 MW
11
70 %
4 (1)
5 (1)
TC-10-07B
7.5
16.3 ± 0.4 VDC at 330 MW
7
65 %
5
1
TC-10-08B
12
± 15 ± 0.4 VDC at 1 W
7.5
72 %
3
1
TC-10-09B
12
160 ± 5 VDC at 1.5 W
10
75 %
6
3
TC-10-10B
12
14.2 ± 0.7 VDC at 3 W
10
70 %
5
1
TC-10-11B
12
+ 24 ± 0.5 VDC at 2 W
10
80 %
5
1
TC-10-12B
24
170 ± 5.1 VDC at 850 MW
11
70 %
4
5
32 ± 1.0 VDC at 510 MW


Similar Description - TC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0559-6100-00 BEL-0559-6100-00 Datasheet
49Kb / 1P
ISDN TRANSFORMERS Through Hole - Single Package
0559-6200-00 BEL-0559-6200-00 Datasheet
43Kb / 1P
ISDN TRANSFORMERS Through Hole - Dual Package
2718AF2 BEL-2718AF2 Datasheet
42Kb / 2P
ADSL MAGNETICS Through Hole Transformers
logo
Vishay Siliconix
PT50 VISHAY-PT50 Datasheet
198Kb / 3P
Through Hole Transformers Trigger, SCR Isolation
16-Dec-09
PT1020 VISHAY-PT1020 Datasheet
98Kb / 4P
Through-Hole Transformers Pulse, Trigger Type
06-Dec-11
TA VISHAY-TA Datasheet
153Kb / 5P
Through-Hole Transformers Audio, Telephone Coupling
06-Dec-11
TC-10-01B VISHAY-TC-10-01B Datasheet
477Kb / 4P
Through Hole Transformers Converter
02-Mar-12
logo
Pulse A Technitrol Comp...
PE-67100NL PULSE-PE-67100NL Datasheet
59Kb / 1P
THROUGH HOLE CURRENT SENSE TRANSFORMERS
PE-67200NL PULSE-PE-67200NL Datasheet
302Kb / 2P
Through Hole Current Sense Transformers
logo
Vishay Siliconix
MTPL2516 VISHAY-MTPL2516 Datasheet
75Kb / 3P
Versatile Through-Hole Planar Transformers
26-Oct-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com