Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8131 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8131
Description  Low-Cost, High-Speed Differential Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8131 Datasheet HTML 3Page - Analog Devices AD8131 Datasheet HTML 4Page - Analog Devices AD8131 Datasheet HTML 5Page - Analog Devices AD8131 Datasheet HTML 6Page - Analog Devices AD8131 Datasheet HTML 7Page - Analog Devices AD8131 Datasheet HTML 8Page - Analog Devices AD8131 Datasheet HTML 9Page - Analog Devices AD8131 Datasheet HTML 10Page - Analog Devices AD8131 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
AD8131
–7–
5ns
VS = 5V
400mV
VS = 5V
VOUT = 2V p-p
Figure 20. Large Signal Transient
Response
150
AD8131
1500
1500
750
750
24.9
49.9
CL
24.9
24.9
Figure 23. Capacitor Load Drive Test
Circuit
AD8131
1500
1500
750
750
24.9
VOUT,dm
VOUT,cm
100
100
Figure 26. CMRR Test Circuit
5ns
300mV
VS = 3V
VOUT = 1.5V p-p
Figure 21. Large Signal Transient
Response
1.25ns
400mV
CL = 0pF
CL = 5pF
CL = 20pF
VS = 5V
Figure 24. Large Signal Transient
Response for Various Capacitor
Loads
FREQUENCY – MHz
–80
1
1000
–40
10
100
–20
–30
–50
–60
–70
VOUT,dm/
VIN,cm
VOUT,cm/ VIN,cm
VS = 5V
VIN,cm = 1V p-p
Figure 27. CMRR vs. Frequency
4ns
VS = 5V
VOUT,dm
V+DIN
1V/DIV
2mV/DIV
Figure 22. 0.1% Settling Time
FREQUENCY – MHz
0
–80
1
1000
–40
10
100
–10
–20
–30
–50
–60
–70
–PSRR
(VS = 5V)
+PSRR
(VS = 5V, +5V)
VOUT,dm
VS
Figure 25. PSRR vs. Frequency
FREQUENCY – MHz
0.1
1
10
100
100
10
1
SINGLE-ENDED OUTPUT
VS = 5V
VS = 5V
Figure 28. Single-Ended ZOUT vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com