Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8131 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8131
Description  Low-Cost, High-Speed Differential Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131 Datasheet(HTML) 3 Page - Analog Devices

  AD8131 Datasheet HTML 1Page - Analog Devices AD8131 Datasheet HTML 2Page - Analog Devices AD8131 Datasheet HTML 3Page - Analog Devices AD8131 Datasheet HTML 4Page - Analog Devices AD8131 Datasheet HTML 5Page - Analog Devices AD8131 Datasheet HTML 6Page - Analog Devices AD8131 Datasheet HTML 7Page - Analog Devices AD8131 Datasheet HTML 8Page - Analog Devices AD8131 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
–3–
AD8131
SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Unit
DIN to
OUT Specifications
DYNAMIC PERFORMANCE
–3 dB Large Signal Bandwidth
VOUT = 2 V p-p
385
MHz
–3 dB Small Signal Bandwidth
VOUT = 0.2 V p-p
285
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 0.2 V p-p
65
MHz
Slew Rate
VOUT = 2 V p-p, 10% to 90%
1600
V/
µs
Settling Time
0.1%, VOUT = 2 V p-p
18
ns
Overdrive Recovery Time
VIN = 5 V to 0 V Step
5
ns
NOISE/HARMONIC PERFORMANCE
Second Harmonic
VOUT = 2 V p-p, 5 MHz, RL,dm = 200 Ω
–67
dBc
V
OUT = 2 V p-p, 20 MHz, RL,dm = 200 Ω
–56
dBc
VOUT = 2 V p-p, 5 MHz, RL,dm = 800 Ω
–94
dBc
VOUT = 2 V p-p, 20 MHz, RL,dm = 800 Ω
–77
dBc
Third Harmonic
VOUT = 2 V p-p, 5 MHz, RL,dm = 200 Ω
–74
dBc
VOUT = 2 V p-p, 20 MHz, RL,dm = 200 Ω
–67
dBc
V
OUT = 2 V p-p, 5 MHz, RL,dm = 800 Ω
–95
dBc
VOUT = 2 V p-p, 20 MHz, RL,dm = 800 Ω
–74
dBc
IMD
20 MHz, RL,dm = 800 Ω
–51
dBc
IP3
20 MHz, RL,dm = 800 Ω
29
dBm
Voltage Noise (RTO)
f = 20 MHz
25
nV/
√Hz
Differential Gain Error
NTSC, R
L,dm = 150 Ω
0.02
%
Differential Phase Error
NTSC, RL,dm = 150 Ω
0.08
Degrees
INPUT CHARACTERISTICS
Offset Voltage
VOS,dm = VOUT,dm; VDIN+ = VDIN– = VOCM = 2.5 V
±3
±7mV
TMIN to TMAX Variation
±8
µV/°C
V
OCM = Float
±4mV
TMIN to TMAX Variation
±10
µV/°C
Input Resistance
Single-Ended Input
1.125
k
Ω
Differential Input
1.5
k
Ω
Input Capacitance
1pF
Input Common-Mode Voltage
–1.0 to +4.0
V
CMRR
∆V
OUT,dm/∆VIN,cm; ∆VIN,cm = ± 0.5 V
–70
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Maximum
∆V
OUT; Single-Ended Output
1.0 to 3.7
V
Linear Output Current
45
mA
Gain
∆V
OUT,dm/∆VIN,dm; ∆VIN,dm = ± 0.5 V
1.96
2
2.04
V/V
Output Balance Error
∆V
OUT,cm/∆VOUT,dm; ∆VOUT,dm = 1 V
–62
dB
VOCM to
OUT Specifications
DYNAMIC PERFORMANCE
–3 dB Bandwidth
∆V
OCM = 600 mV
200
MHz
Slew Rate
VOCM = 1.5 V to 3.5 V
450
V/
µs
DC PERFORMANCE
Input Voltage Range
1.0 to 3.7
V
Input Resistance
30
k
Ω
Input Offset Voltage
VOS,cm = VOUT,cm; VDIN+ = VDIN– = VOCM = 2.5 V
±5
±12
mV
VOCM = Float
±10
mV
Input Bias Current
0.5
µA
V
OCM CMRR
[∆V
OUT,dm/∆VOCM]; ∆VOCM = 2.5 V ± 0.5 V
–60
dB
Gain
∆V
OUT,cm/∆VOCM; ∆VOCM = 2.5 V ± 1 V
0.985
1
1.015
V/V
POWER SUPPLY
Operating Range
2.7
11
V
Quiescent Current
VDIN+ = VDIN = VOCM = 2.5 V
9.25
10.25
11.25
mA
TMIN to TMAX Variation
20
µA/°C
Power Supply Rejection Ratio
∆V
OUT,dm/∆VS; ∆VS = ± 0.5 V
–70
–56
dB
OPERATING TEMPERATURE RANGE
–40
+85
°C
Specifications subject to change without notice.
(@ 25 C, VS = 5 V, VOCM = 2.5 V, G = 2, RL,dm = 200
, unless otherwise noted. Refer to Figures 2 and 37
for test setup and label descriptions. All specifications refer to single-ended input and differential outputs unless noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com