Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8182 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8182
Description  750 MHz, 3.8 mA 10 ns Switching Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8182 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8182 Datasheet HTML 2Page - Analog Devices AD8182 Datasheet HTML 3Page - Analog Devices AD8182 Datasheet HTML 4Page - Analog Devices AD8182 Datasheet HTML 5Page - Analog Devices AD8182 Datasheet HTML 6Page - Analog Devices AD8182 Datasheet HTML 7Page - Analog Devices AD8182 Datasheet HTML 8Page - Analog Devices AD8182 Datasheet HTML 9Page - Analog Devices AD8182 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8180/AD8182–Typical Performance Curves
–6–
REV. B
FREQUENCY – Hz
–25
–35
–95
100k
200M
1M
10M
100M
–55
–65
–75
–85
–45
150M
2ND HARMONIC
3RD HARMONIC
VOUT = 2V p-p
RL = 1k
Figure 16. Harmonic Distortion vs. Frequency
FREQUENCY – Hz
31.6M
3.16M
31.6
1k
100M
10k
100k
1M
10M
31.6k
3.16k
316
316k
120
100
0
60
40
20
80
1G
ZOUT (DISABLED)
ZIN (ENABLED)
ZOUT (ENABLED)
Figure 17. Disabled Output and Input Impedance vs.
Frequency
FREQUENCY – MHz
0
–20
0.03
500
0.1
1
10
100
–40
–60
–10
–30
–50
–70
+PSRR
–PSRR
Figure 18. Power Supply Rejection vs. Frequency
+1
0
–9
–1
–2
–3
–4
–5
–6
–7
–8
–0.4
+0.1
0
–0.1
–0.2
–0.3
VIN = 500mV rms
RL = 5k
CL =
0pF
CL =
10pF
CL =
33pF
CL = 100pF
CL = 100pF
CL = 33pF
10M
100M
1G
4M
40M
400M
FREQUENCY – Hz
1M
Figure 19. Frequency Response vs. Capacitive Load
+1
0
–9
–1
–2
–3
–4
–5
–6
–7
–8
–0.4
0.6
0.4
0.2
0
–0.2
VIN = 50mV rms
RL = 5k
RS = 0
RS = 75
0.8
1.0
RS = 150
RS = 0
RS = 75
RS = 150
10M
100M
40M
FREQUENCY – Hz
400M
1G
4M
1M
Figure 20. Frequency Response vs. Input Series Resistance
INPUT VOLTAGE – Volts
5
–1
–5
–5
5
–4
–3
–2
–1
0123
4
4
0
–2
–4
2
1
–3
3
Figure 21. Output Voltage vs. Input Voltage, RL = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com