Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8182 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8182
Description  750 MHz, 3.8 mA 10 ns Switching Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8182 Datasheet(HTML) 1 Page - Analog Devices

  AD8182 Datasheet HTML 1Page - Analog Devices AD8182 Datasheet HTML 2Page - Analog Devices AD8182 Datasheet HTML 3Page - Analog Devices AD8182 Datasheet HTML 4Page - Analog Devices AD8182 Datasheet HTML 5Page - Analog Devices AD8182 Datasheet HTML 6Page - Analog Devices AD8182 Datasheet HTML 7Page - Analog Devices AD8182 Datasheet HTML 8Page - Analog Devices AD8182 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
750 MHz, 3.8 mA
10 ns Switching Multiplexers
AD8180/AD8182*
FUNCTIONAL BLOCK DIAGRAM
1
2
3
4
8
7
6
5
AD8180
IN0
–VS
OUT
ENABLE
SELECT
GND
IN1
+VS
DECODER
+1
+1
1
2
3
4
14
13
12
11
AD8182
–VS
OUT A
ENABLE A
SELECT A
5
6
7
10
9
8
SELECT B
OUT B
ENABLE B
DECODER
+1
+1
DECODER
+1
+1
IN0 A
GND
IN1 A
+VS
IN1 B
GND
IN0 B
FEATURES
Fully Buffered Inputs and Outputs
Fast Channel Switching: 10 ns
High Speed
> 750 MHz Bandwidth (–3 dB)
750 V/ s Slew Rate
Fast Settling Time of 14 ns to 0.1%
Low Power: 3.8 mA (AD8180), 6.8 mA (AD8182)
Excellent Video Specifications (RL ≥ 1 k )
Gain Flatness of 0.1 dB Beyond 100 MHz
0.02% Differential Gain Error
0.02 Differential Phase Error
Low Glitch: < 35 mV
Low All-Hostile Crosstalk of –80 dB @ 5 MHz
High “OFF” Isolation of –90 dB @ 5 MHz
Low Cost
Fast Output Disable Feature for Connecting Multiple Devices
APPLICATIONS
Pixel Switching for “Picture-In-Picture”
Switching in LCD and Plasma Displays
Video Switchers and Routers
PRODUCT DESCRIPTION
The AD8180 (single) and AD8182 (dual) are high speed 2-to-1
multiplexers. They offer –3 dB signal bandwidth greater than
750 MHz along with slew rate of 750 V/
µs. With better than
80 dB of crosstalk and isolation, they are useful in many high
speed applications. The differential gain and differential phase
error of 0.02% and 0.02
°, along with 0.1 dB flatness beyond
100 MHz make the AD8180 and AD8182 ideal for professional
video multiplexing. They offer 10 ns switching time making
them an excellent choice for pixel switching (picture-in-picture)
while consuming less than 3.8 mA (per 2:1 mux) on
±5 V sup-
ply voltages.
Both devices offer a high speed disable feature allowing the
output to be configured into a high impedance state. This al-
lows multiple outputs to be connected together for cascading
stages while the “OFF” channels do not load the output bus.
They operate on voltage supplies of
±5 V and are offered in 8-
and 14-lead plastic DIP and SOIC packages.
500mV
/DIV
5ns/DIV
Figure 1. AD8180/AD8182 Switching Characteristics
Table I. Truth Table
SELECT
ENABLE
OUTPUT
00
IN0
10
IN1
0
1
High Z
1
1
High Z
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
*Protected under U.S. Patent Number 5,955,908.


Similar Part No. - AD8182

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8182 AD-AD8182 Datasheet
256Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182-EB AD-AD8182-EB Datasheet
256Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182-EB AD-AD8182-EB Datasheet
256Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AN AD-AD8182AN Datasheet
256Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AN AD-AD8182AN Datasheet
256Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
More results

Similar Description - AD8182

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8170 AD-AD8170 Datasheet
474Kb / 16P
250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV.0
ADP3088 AD-ADP3088 Datasheet
623Kb / 11P
1 MHz, 750 mA Buck Regulator
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8182ARZ AD-AD8182ARZ Datasheet
256Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
10 ns Switching Multiplexers
REV. B
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
logo
TAI-SAW TECHNOLOGY CO.,...
TC0648B TAI-SAW-TC0648B Datasheet
394Kb / 6P
750 MHz SMD 3.8 x 3.8 mm SAW Resonator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com