Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD830 Datasheet(PDF) 8 Page - Analog Devices

Part # AD830
Description  High Speed, Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD830 Datasheet HTML 4Page - Analog Devices AD830 Datasheet HTML 5Page - Analog Devices AD830 Datasheet HTML 6Page - Analog Devices AD830 Datasheet HTML 7Page - Analog Devices AD830 Datasheet HTML 8Page - Analog Devices AD830 Datasheet HTML 9Page - Analog Devices AD830 Datasheet HTML 10Page - Analog Devices AD830 Datasheet HTML 11Page - Analog Devices AD830 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD830
REV. A
–8–
TRADITIONAL DIFFERENTIAL AMPLIFICATION
In the past, when differential amplification was needed to reject
common-mode signals superimposed with a desired signal; most
often the solution used was the classic op amp based difference
amplifier shown in Figure 19. The basic function VO = V1–V2 is
simply achieved, but the overall performance is poor and the cir-
cuit possesses many serious problems that make it difficult to re-
alize a robust design with moderate to high levels of
performance.
R1
R2
R3
R4
VOUT
V2
V1
ONLY IF R 1 = R2 = R3 = R4
DOES VOUT = V1 – V2
Figure 19. Op Amp Based Difference Amplifier
PROBLEMS WITH THE OP AMP BASED APPROACH
• Low Common-Mode Rejection Ratio (CMRR)
• Low Impedance Inputs
• CMRR Highly Sensitive to the Value of Source R
• Different Input Impedance for the + and – Input
• Poor High Frequency CMRR
• Requires Very Highly Matched Resistors R1–R4 to Achieve
High CMRR
• Halves the Bandwidth of the Op Amp
• High Power Dissipation in the Resistors for Large Common-
Mode Voltage
AD830 FOR DIFFERENTIAL AMPLIFICATION
The AD830 amplifier was specifically developed to solve the
listed problems with the discrete difference amplifier approach.
Its topology, discussed in detail in a later section, by design acts
as a difference amplifier. The circuit of Figure 20 shows how
simply the AD830 is configured to produce the difference of two
signals V1 and V2, in which the applied differential signal is
exactly reproduced at the output relative to a separate output
common. Any common-mode voltage present at the input is
removed by the AD830.
A=1
V
→ I
V
→ I
VOUT
V2
V1
VOUT = V1 – V2
IY
IX
Figure 20. AD830 as a Difference Amplifier
ADVANTAGEOUS PROPERTIES OF THE AD830
• High Common-Mode Rejection Ratio (CMRR)
• High Impedance Inputs
• Symmetrical Dynamic Response for +1 and –1 Gain
• Low Sensitivity to the Value of Source R
• Equal Input Impedance for the + and – Input
• Excellent High Frequency CMRR
• No Halving of the Bandwidth
• Constant Power Distortion vs. Common-Mode Voltage
• Highly Matched Resistors Not Needed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com