Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD830 Datasheet(PDF) 14 Page - Analog Devices

Part # AD830
Description  High Speed, Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD830 Datasheet HTML 8Page - Analog Devices AD830 Datasheet HTML 9Page - Analog Devices AD830 Datasheet HTML 10Page - Analog Devices AD830 Datasheet HTML 11Page - Analog Devices AD830 Datasheet HTML 12Page - Analog Devices AD830 Datasheet HTML 13Page - Analog Devices AD830 Datasheet HTML 14Page - Analog Devices AD830 Datasheet HTML 15Page - Analog Devices AD830 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD830
REV. A
–14–
Loop Through or Line Bridging Amplifier (Figure 37)
The AD830 is ideally suited for use as a video line bridging am-
plifier. The video signal is tapped from the conductor of the
cable relative to its shield. The high input impedance of the
AD830 provides negligible loading on the cable. More signifi-
cantly, the benign loading is maintained while the AD830 is
powered-down. Coupled with its good video load driving per-
formance, the AD830 is well suited to video cable monitoring
applications.
45
36
AD830
1
2
8
7
A=1
VP
0.1µF
VOUT
VN
0.1µF
GM
GM
RG
75
Ω
75
Ω
499
Ω
499
Ω
OPTIONAL CC
249
Ω
C
Figure 37. Cable Tap Amplifier
Resistorless Summing
Direct, two input, resistorless summing is easily realized from
the general unity gain mode. By grounding VX2 and applying the
two inputs to VX1 and VY1, the output is the exact sum of the
applied voltages V1 and V3, relative to common; VOUT = V1 +
V3. A diagram of this simple, but potent application is shown
below in Figure 38. The AD830 summing circuit possesses sev-
eral virtues not present in the classic op amp based summing
circuits. It has high impedance inputs, no resistors, very precise
summing, high reverse isolation and noninverting gain. Achiev-
ing this function and performance with op amps requires signifi-
cantly more components.
45
36
AD830
1
2
8
7
A=1
VOUT = V1 + V3
VP
OUT
VN
GM
GM
V1
V3
C
Figure 38. Resistorless Summing Amplifier
2
Gain Bandwidth Line Driver
A gain of two, without the use of resistors, is possible with the
AD830. This is accomplished by grounding VX2, tying the two
inputs VX1 and VY1 together and applying the input, VIN, to this
wired connection. The output is exactly twice the applied volt-
age, VIN; VOUT = 2
VIN. Figure 39 below shows the connec-
tions for this highly useful application. The most notable
characteristic of this alternative gain of two is that there is no
loss of bandwidth as in a voltage feedback op amp based gain of
+2 where the bandwidth is halved, therefore, the gain band-
width is doubled. Also, this circuit is accurate without the need
for any precise valued resistors, as in the op amp equivalents,
and it possess excellent differential gain and phase performance
as shown in Figures 40 and 41.
45
36
AD830
1
2
8
7
A=1
VP
0.1µF
VOUT
VN
0.1µF
GM
GM
75
Ω
75
Ω
VIN
C
Figure 39. Full Bandwidth Line Driver (G = +2)
SUPPLY VOLTAGE –
±Volts
.10
15
.03
.01
6
.02
5
.06
.04
.05
.07
.08
.09
14
13
12
11
10
9
8
7
.20
.06
.02
.04
.12
.08
.10
.14
.16
.18
PHASE
GAIN
GAIN = +2
R
L = 150Ω
FREQ = 3.58MHz
0 TO 0.7V
Figure 40. Differential Gain and Phase for the Circuit of
Figure 39
0.2
–0.3
–0.8
100k
100M
10M
1M
10k
–0.2
–0.1
0
0.1
–0.7
–0.6
–0.5
–0.4
FREQUENCY – Hz
V
S = ±15V
V
S = ±10V
V
S = ±5V
R
L = 150Ω
GAIN = +2
Figure 41. 0.1 dB Gain Flatness for the Circuit of Figure 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com