Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8302 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8302
Description  LF.2.7 GHz RF/IF Gain and Phase Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8302 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8302 Datasheet HTML 3Page - Analog Devices AD8302 Datasheet HTML 4Page - Analog Devices AD8302 Datasheet HTML 5Page - Analog Devices AD8302 Datasheet HTML 6Page - Analog Devices AD8302 Datasheet HTML 7Page - Analog Devices AD8302 Datasheet HTML 8Page - Analog Devices AD8302 Datasheet HTML 9Page - Analog Devices AD8302 Datasheet HTML 10Page - Analog Devices AD8302 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. 0
AD8302
–7–
MAGNITUDE RATIO – dB
–30
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–25 –20 –15 –10
–5
0
5
1015202530
2.0
3.0
2.5
–40 C
+85 C
+25 C
–40 C
+85 C
TPC 7. Distribution of Magnitude Error vs. Input Level
Ratio (Gain), Three Sigma to Either Side of Mean, Fre-
quency 900 MHz, Temperatures –40
°C, +25°C, and +85°C,
Reference Level = –30 dBm
MAGNITUDE RATIO – dB
–30
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–25 –20 –15 –10
–5
0
5
1015202530
2.0
3.0
2.5
–40 C
+85 C
+25 C
+85 C
–40 C
TPC 8. Distribution of Error vs. Input Level Ratio (Gain),
Three Sigma to Either Side of Mean, Frequency 1900 MHz,
–40
°C, +25°C, and +85°C, Reference Level = –30 dBm
MAGNITUDE RATIO – dB
–30
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–25 –20 –15 –10
–5
0
5
1015202530
2.0
3.0
2.5
–40 C
+85 C
+25 C
+85 C
–40 C
TPC 9. Distribution of Magnitude Error vs. Input Level
Ratio (Gain), Three Sigma to Either Side of Mean, Fre-
quency 2200 MHz, Temperatures –40
°C, +25°C, and +85°C,
Reference Level = –30 dBm
MAGNITUDE RATIO – dB
–30
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
–25 –20 –15 –10
–5
0
5
1015202530
2.0
TPC 10. Distribution of VMAG vs. Input Level Ratio (Gain),
Three Sigma to Either Side of Mean, Frequency 1900 MHz,
Temperatures Between –40
°C, and +85°C, Reference Level
= –30 dBm
MAGNITUDE RATIO – dB
–30
1.2
1.0
0.8
0.6
0.4
0.2
0.0
–20
–10
0
102030
1.4
1.8
1.6
–40dBm
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
2.0
3.0
2.5
–2.0
–2.5
–3.0
–30dBm
–45dBm
–30dBm
–15dBm
–15dBm
TPC 11. VMAG Output and Log Conformance vs. Input
Level Ratio (Gain), Reference Level = –10 dBm, –30 dBm,
and –45 dBm, Frequency 1900 MHz
INPUT LEVEL – dBm
–65
0.90
0.85
0.80
0.75
–60 –55 –50 –45 –40 –35 –30
0.95
1.05
1.00
–25 –20 –15 –10 –50
PINPA = PINPB
PINPA = PINPB – 5dB
PINPA = PINPB + 5dB
1.10
TPC 12. VMAG Output vs. Input Level for PINPA = PINPB,
PINPA = PINPB +5 dB, PINPA = PINPB –5 dB, Frequency 1900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com