Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8302 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8302
Description  LF.2.7 GHz RF/IF Gain and Phase Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8302 Datasheet(HTML) 4 Page - Analog Devices

  AD8302 Datasheet HTML 1Page - Analog Devices AD8302 Datasheet HTML 2Page - Analog Devices AD8302 Datasheet HTML 3Page - Analog Devices AD8302 Datasheet HTML 4Page - Analog Devices AD8302 Datasheet HTML 5Page - Analog Devices AD8302 Datasheet HTML 6Page - Analog Devices AD8302 Datasheet HTML 7Page - Analog Devices AD8302 Datasheet HTML 8Page - Analog Devices AD8302 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. 0
AD8302
–4–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
PSET, MSET Voltage . . . . . . . . . . . . . . . . . . . . . . VS + 0.3 V
INPA, INPB Maximum Input . . . . . . . . . . . . . . . . . . –3 dBV
Equivalent Power Re. 50
Ω . . . . . . . . . . . . . . . . . . 10 dBm
θJA2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . 125
°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2JEDEC 1S Standard (2-layer) board data.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
1
COMM
AD8302
INPA
OFSA
VPOS
OFSB
INPB
COMM
MFLT
VMAG
MSET
VREF
PSET
VPHS
PFLT
2
3
4
5
6
7
14
13
12
11
10
9
8
PIN FUNCTION DESCRIPTIONS
Equivalent
Pin No.
Mnemonic
Function
Circuit
1, 7
COMM
Device Common. Connect to low impedance ground.
2
INPA
High Input Impedance to Channel A. Must be ac-coupled.
Circuit A
3
OFSA
A capacitor to ground at this pin sets the offset compensation filter corner
Circuit A
and provides input decoupling.
4
VPOS
Voltage Supply (VS), 2.7 V to 5.5 V.
5
OFSB
A capacitor to ground at this pin sets the offset compensation filter corner
Circuit A
and provides input decoupling.
6
INPB
Input to Channel B. Same structure as INPA.
Circuit A
8
PFLT
Low-Pass Filter Terminal for the Phase Output.
Circuit E
9
VPHS
Single-Ended Output Proportional to the Phase Difference between INPA
Circuit B
and INPB.
10
PSET
Feedback Pin for Scaling of VPHS Output Voltage in Measurement Mode.
Circuit D
Apply a setpoint voltage for controller mode.
11
VREF
Internally-Generated Reference Voltage (1.8 V Nominal).
Circuit C
12
MSET
Feedback Pin for Scaling of VMAG Output Voltage Measurement Mode.
Circuit D
Accepts a set point voltage in controller mode.
13
VMAG
Single-Ended Output. Output voltage proportional to the decibel ratio
of signals applied to INPA and INPB.
Circuit B
14
MFLT
Low-Pass Filter Terminal for the Magnitude Output.
Circuit E
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8302 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Package
Model
Temperature Range
Package Description
Option
AD8302ARU
–40
°C to +85°C
Tube, 14-Lead TSSOP
RU-14
AD8302ARU-REEL
13" Tape and Reel
AD8302ARU-REEL7
7" Tape and Reel
AD8302-EVAL
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com