Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8320 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8320
Description  Serial Digital Controlled Variable Gain Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8320 Datasheet(HTML) 2 Page - Analog Devices

  AD8320 Datasheet HTML 1Page - Analog Devices AD8320 Datasheet HTML 2Page - Analog Devices AD8320 Datasheet HTML 3Page - Analog Devices AD8320 Datasheet HTML 4Page - Analog Devices AD8320 Datasheet HTML 5Page - Analog Devices AD8320 Datasheet HTML 6Page - Analog Devices AD8320 Datasheet HTML 7Page - Analog Devices AD8320 Datasheet HTML 8Page - Analog Devices AD8320 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
–2–
REV. 0
AD8320–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Full-Scale Input Voltage
Max Gain, POUT = 18 dBm, VCC = 12 V
0.310
V p-p
Max Gain, POUT = 12 dBm, VCC = 5 V
0.155
V p-p
Input Resistance
220
Ω
Input Capacitance
2.0
pF
GAIN CONTROL INTERFACE
Gain Range
36
dB
Full Scale (Max) Gain
26 (20)
dB (V/V)
Gain Offset (Min) Gain
–10.0 (0.316)
dB (V/V)
Gain Scaling Factor
0.077
V/V/LSB
OUTPUT CHARACTERISTICS
Bandwidth (–3 dB)
All Gain Codes
150
MHz
Bandwidth Roll-Off
F = 65 MHz
0.7
dB
Bandwidth Peaking
F = 65 MHz
0
dB
Output Offset Voltage
All Gain Codes
±40
mV
Output Offset Drift
Full Temperature Range
±0.25
mV/
°C
Output Noise Spectral Density
Max. Gain, Frequency = 10 MHz
73
nV/
√Hz
Min. Gain, Frequency = 10 MHz
53
nV/
√Hz
PD = 0, Frequency = 10 MHz
4.5
nV/
√Hz
1 dB Compression Point
VCC = 12 V
22.5
dBm
VCC = 5 V
16
dBm
Output Impedance
Power Up and Power Down
65
75
85
Ω
Overload Recovery
Max Gain, VIN = 500 mV p-p
40
ns
OVERALL PERFORMANCE
Worst Harmonic Distortion
F = 42 MHz, POUT = 12 dBm, VCC = 12 V
–57.0
–52.0
dBc
F = 42 MHz, POUT = 12 dBm, VCC = 5 V
–43.0
–39.0
dBc
F = 42 MHz, POUT = 18 dBm, VCC = 12 V
–46.0
–42.0
dBc
F = 65 MHz, POUT = 12 dBm, VCC = 12 V
–57.0
–52.0
dBc
F = 65 MHz, POUT = 12 dBm, VCC = 5 V
–42.5
–39.0
dBc
F = 65 MHz, POUT = 18 dBm, VCC = 12 V
–43.0
–40.0
dBc
3rd Order Intercept
F = 42 MHz, POUT = 18 dBm, VCC = 12 V
34
dBm
F = 42 MHz, POUT = 12 dBm, VCC = 5 V
32
dBm
F = 65 MHz, POUT = 18 dBm, VCC = 12 V
32.5
dBm
F = 65 MHz, POUT = 12 dBm, VCC = 5 V
28.5
dBm
Full-Scale (Max Gain) Accuracy
F = 10 MHz
±0.1
dB
Gain Offset (Min Gain) Accuracy
F = 10 MHz
±0.2
dB
Gain Accuracy
F = 10 MHz, All Gain Codes
–0.75
±0.2
0.75
dB
Gain Drift
Full Temperature Range
±0.5
mdB/
°C
Gain Variation w/Supply
VCC = +5 V to 12 V
35
mdB/V
Output Settling to 1 mV
Gain Change @ TDATEN = 1
Min to Max Gain, VIN = 0.31 V p-p
30
ns
Input Change
Max Gain, VIN = 0 V to 0.31 V p-p
25
ns
POWER CONTROL
Power-Down Settling Time to 1 mV
Max Gain, VIN = 0
45
ns
Power-Up Settling Time to 1 mV
Max Gain, VIN = 0
65
ns
Power-Down Pedestal Offset
Max Gain, VIN = 0
±30
mV
Spectral Output Leakage
F (
PD) = 400 Hz @ 15% Duty Cycle
–70
dBm
5 MHz
≤ F ≤ 65 MHz
Maximum Reverse Power
PD = 0
5
dBm
POWER SUPPLY
Specified Operating Range
+5
+12
V
Quiescent Current
PD = 1, V
CC = +5 V
80
85
mA
Power Down
PD = 0, V
CC = +5 V
25
30
mA
Power Up, VCC = +12 V
PD = 1, V
CC = +12 V
97
105
mA
Power Down, VCC =+12 V
PD = 0, V
CC = +12 V
32
37
mA
(@ VCC = 12 V, TA = +25 C, VIN = 0.310 V p-p, RL = 75
, RS = 75
unless
otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com