Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8320 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8320
Description  Serial Digital Controlled Variable Gain Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8320 Datasheet(HTML) 4 Page - Analog Devices

  AD8320 Datasheet HTML 1Page - Analog Devices AD8320 Datasheet HTML 2Page - Analog Devices AD8320 Datasheet HTML 3Page - Analog Devices AD8320 Datasheet HTML 4Page - Analog Devices AD8320 Datasheet HTML 5Page - Analog Devices AD8320 Datasheet HTML 6Page - Analog Devices AD8320 Datasheet HTML 7Page - Analog Devices AD8320 Datasheet HTML 8Page - Analog Devices AD8320 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8320
–4–
REV. 0
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8320 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Model
Temperature Range
Package Description
JA
Package Option
AD8320ARP
–40
°C to +85°C
20-Lead Thermally Enhanced Power SOIC*
53
°C/W
RP-20
AD8320-EB
Evaluation Board
*Shipped in tubes (38 pieces/tube) and dry packed per J-STD-020.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage +VS
Pins 7, 8, 9, 17, 20 . . . . . . . . . . . . . . . . . . . –0.8 V to +13 V
Input Voltages
Pins 19 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±3 V
Pins 1, 2, 3, 6 . . . . . . . . . . . . . . . . . . . . . . . . –0.8 V to +5 V
Internal Power Dissipation
Small Outline (RP) . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3 W
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering 60 seconds . . . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AD8320
VOUT
VCC
VCC
CLK
DATEN
GND
VCC
PD
VOCM
GND
GND
VIN
VREF
VCC
BYP
GND
GND
SDATA
VCC
GND
PIN FUNCTION DESCRIPTIONS
Pin
Function
Description
1
SDATA
Serial Data Input. This digital input allows for an 8-bit serial (gain) word to be loaded into the internal
register with the MSB (most significant bit) first.
2
CLK
Clock Input. The clock port controls the serial attenuator data transfer rate to the 8-bit master-slave
register. A Logic 0 to 1 transition latches the data bit and a 1 to 0 transfers the data bit to the slave.
This requires the input serial data word to be valid at or before this clock transition.
3
DATEN
Data Enable Low Input. This port controls the 8-bit parallel data latch and shift register. A Logic 0 to 1
transition transfers the latched data to the attenuator core (updates the gain) and simultaneously inhib-
its serial data transfer into the register. A 1 to 0 transition inhibits the data latch (holds the previous
gain state) and simultaneously enables the register for serial data load.
4, 11, 12,
13, 15, 16
GND
Common External Ground Reference.
5
VOCM
VCC/2 Reference Pin. A dc output reference level that is equal to 1/2 of the supply voltage (VCC).
This port should be externally ac decoupled (0.1
µF cap).
6
PD
Power-Down Low Logic Input. A Logic 0 powers down (shuts off) the power amplifier disabling the
output signal and enabling the reverse amplifier. A Logic 1 enables the output power amplifier and
disables the reverse amplifier.
7, 8, 9, 17, 20 VCC
Common Positive External Supply Voltage.
10
VOUT
Output Signal Port. DC biased to approximately VCC/2.
14
BYP
Internal Bypass. This pin must be externally ac decoupled (0.1
µF cap).
18
VREF
Input Reference Voltage (typically 1.9 V at 27
°C). This port should be externally ac decoupled
(0.1
µF cap).
19
VIN
Analog Voltage Input Signal Port. DC biased to VREF voltage.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com