Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8323 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8323
Description  5 V CATV Line Driver Fine Step Output Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8323 Datasheet(HTML) 5 Page - Analog Devices

  AD8323 Datasheet HTML 1Page - Analog Devices AD8323 Datasheet HTML 2Page - Analog Devices AD8323 Datasheet HTML 3Page - Analog Devices AD8323 Datasheet HTML 4Page - Analog Devices AD8323 Datasheet HTML 5Page - Analog Devices AD8323 Datasheet HTML 6Page - Analog Devices AD8323 Datasheet HTML 7Page - Analog Devices AD8323 Datasheet HTML 8Page - Analog Devices AD8323 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. 0
AD8323
–5–
Typical Performance Characteristics–
VCC
OUT–
OUT+
VIN+
VIN–
GND
82.5
VIN
OUT
1:1
0.1 F
0.1 F
RTI
0.1 F
0.1 F
39.2
75
RL
TOKO 617DB–A0070
TPC 1. Basic Test Circuit
GAIN CONTROL – Decimal
1.5
0
1.0
0.5
0.0
–0.5
–1.0
–1.5
8
16
24
32
404856
f = 10MHz
f = 5MHz
f = 42MHz
f = 65MHz
64
72
TPC 2. Gain Error vs. Gain Control
FREQUENCY – MHz
40
0.1
30
20
10
0
–10
–20
–30
–40
1
10
100
1k
71D
46D
23D
00D
TPC 3. AC Response
FREQUENCY – MHz
34
31
28
25
22
19
1
10
100
CL = 10pF
CL = 20pF
CL = 50pF
IN
VIN–
VIN+
OUT
CL
1:1
CL = 0pF
POUT = 60dBmV
@ MAX GAIN
75
RL
TPC 4. AC Response for Various Cap Loads
GAIN CONTROL – Decimal
–30
0
–34
–38
–42
–46
–50
8
16
2432
4048
5664
72
f = 10MHz
PD = 1
TPC 5. Output Referred Noise vs. Gain Control
FREQUENCY – MHz
0
0.1
–20
–40
–60
–80
–100
1
10
100
1k
MAX GAIN
MIN GAIN
PD = 0
VIN = 116mV p-p
TPC 6. Input Signal Feedthrough vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com