Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8323 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8323
Description  5 V CATV Line Driver Fine Step Output Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8323 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8323 Datasheet HTML 6Page - Analog Devices AD8323 Datasheet HTML 7Page - Analog Devices AD8323 Datasheet HTML 8Page - Analog Devices AD8323 Datasheet HTML 9Page - Analog Devices AD8323 Datasheet HTML 10Page - Analog Devices AD8323 Datasheet HTML 11Page - Analog Devices AD8323 Datasheet HTML 12Page - Analog Devices AD8323 Datasheet HTML 13Page - Analog Devices AD8323 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. 0
AD8323
–10–
Single-Ended-to-Differential Input (Figure 8, Option 1)
Install the Mini-Circuits T1-6T-KK81 1:1 transformer in the
T1 location of the evaluation board. Place 0
Ω chip resistors at
locations JP1, JP2, and JP3 such that the signal coming in VIN+
is directed toward the transformer and the differential signal
coming out of the transformer is directed toward TP13 and
TP14. For 75
Ω input impedance, install 39.2 Ω resistors in R5
and R6 located on the back side of the evaluation board. In this
configuration the input signal must be applied to the VIN+ port
of the evaluation board from a single-ended 75
Ω signal source.
For input impedances other than 75
Ω, the correct value for R5
and R6 can be computed using the following equation:
R
R
R Desired
pedance
R
5
6
2
800
==
()
=×
()
,
Im
Differential Input (Figure 8, Option 2)
If a differential signal source is available, it may be applied
directly to both the VIN+ and VIN– input ports of the evaluation
board. In this case, 0
Ω chip resistors should be placed at loca-
tions R8, JP1, JP2, and JP3 such that the VIN+ and VIN– signals
are directed toward TP13 and TP14. Referring to Figure 8,
Option 2, a differential input impedance of 150
Ω can be
achieved by using a 165
Ω resistor for R7. For input imped-
ances other than 150
Ω, the correct value for R7 can be computed
using the following equation:
Desired
pedance
R
Im
=
()
7 1600
DIFF IN
T1
R5
R6
AD8323
VIN+
AD8323
OPTION 1 DIFFERENTIAL INPUT TERMINATION
OPTION 2 DIFFERENTIAL INPUT TERMINATION
VIN–
R7
Figure 8. Differential Input Termination Options
Installing the Visual Basic Control Software
To install the “CABDRIVE_23” evaluation board control soft-
ware, close all Windows applications and then run “SETUP.EXE”
located on Disk 1 of the AD8323 Evaluation Software. Follow
the on-screen instructions and insert Disk 2 when prompted to
do so. Enter the path of the directory into which the software
will be installed and select the button in the upper left corner to
complete the installation.
Running the Software
To invoke the control software, go to START -> PROGRAMS
-> CABDRIVE_23, or select the AD8323.EXE icon from the
directory containing the software.
Controlling the Gain/Attenuation of the AD8323
The slide bar controls the AD8323’s gain/attenuation, which is
displayed in dB and in V/V. The gain scales at 0.7526 dB per
LSB with the valid codes being from decimal 0 to 71. The gain
code (i.e., position of the slide bar) is displayed in decimal, binary,
and hexadecimal (see Figure 9).
POWER-UP, POWER-DOWN AND SLEEP
The “Power-Up” and “Power-Down” buttons select the mode
of operation of the AD8323 by controlling the logic level on the
asynchronous
PD pin. The “Power-Up” button applies a
Logic 1 to the
PD pin putting the AD8323 in forward transmit
mode. The “Power-Down” button applies a Logic 0 to the
PD
pin selecting reverse mode, where the forward signal transmission
is disabled while a back termination of 75
Ω is maintained.
Checking the “Enable SLEEP Mode” box applies a Logic 0 to
the asynchronous
SLEEP pin, putting the AD8323 into SLEEP
mode.
Memory Section
The “MEMORY” section of the software provides a convenient
way to alternate between two gain settings. The “X->M1” but-
ton stores the current value of the gain slide bar into memory
while the “RM1” button recalls the stored value, returning the
gain slide bar to that level. The “X->M2” and “RM2” buttons
work in the same manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com