Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFT18S230S Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # AFT18S230S
Description  RF Power LDMOS Transitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AFT18S230S Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button AFT18S230S Datasheet HTML 5Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 6Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 7Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 8Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 9Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 10Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 11Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 12Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 13Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AFT18S230SR3
9
RF Device Data
Freescale Semiconductor, Inc.
P3dB -- TYPICAL LOAD PULL CONTOURS — 1840 MHz
--3
0
--1
--1.5
--2.5
--0.5
1
1.5
2
2.5
0.5
3
--2
--3
0
--1
--1.5
--2.5
--0.5
1
1.5
2
2.5
0.5
3
--2
NOTE:
= Maximum Output Power
= Maximum Drain Efficiency
P
E
Figure 14. P3dB Load Pull Output Power Contours (dBm)
--3
0
REAL ()
--1
--1.5
--2.5
--0.5
1
1.5
2
2.5
0.5
3
Figure 15. P3dB Load Pull Efficiency Contours (%)
REAL ()
Figure 16. P3dB Load Pull Gain Contours (dB)
REAL ()
Figure 17. P3dB Load Pull AM/PM Contours ()
REAL ()
Power Gain
Drain Efficiency
ACPR
PARC
--2
P
51
51.5
53.5
--3
0
--1
--1.5
--2.5
--0.5
1
1.5
2
2.5
0.5
3
--2
52
52.5
53
54
54.5
E
70
P
E
68
66
64
62
60
58
56
54
P
20.5
20
19.5
E
19
18.5
18
17.5
17
16.5
P
--30
--22
E
--28
--26
--24
--20
--18
--16
--14
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com