Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFT18S230S Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # AFT18S230S
Description  RF Power LDMOS Transitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AFT18S230S Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  AFT18S230S Datasheet HTML 1Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 2Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 3Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 4Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 5Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 6Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 7Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 8Page - Freescale Semiconductor, Inc AFT18S230S Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
AFT18S230SR3
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +65
Vdc
Gate--Source Voltage
VGS
--6.0, +10
Vdc
Operating Voltage
VDD
32, +0
Vdc
Storage Temperature Range
Tstg
--65 to +150
C
Case Operating Temperature Range
TC
--40 to +150
C
Operating Junction Temperature Range (1,2)
TJ
--40 to +225
C
CW Operation @ TC =25C
Derate above 25C
CW
253
1.7
W
W/C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 80C, 50 W CW, 28 Vdc, IDQ = 1800 mA, 1840 MHz
Case Temperature 92C, 160 W CW(4),28Vdc,IDQ = 1800 mA, 1840 MHz
RJC
0.41
0.31
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2
Machine Model (per EIA/JESD22--A115)
B
Charge Device Model (per JESD22--C101)
IV
Table 4. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
—
—
1
Adc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
Adc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID = 291 Adc)
VGS(th)
1.5
2.0
2.5
Vdc
Gate Quiescent Voltage
(VDD =28 Vdc, ID = 1800 mAdc, Measured in Functional Test)
VGS(Q)
2.3
2.8
3.3
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =2.9 Adc)
VDS(on)
0.1
0.24
0.3
Vdc
Functional Tests (5) (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ = 1800 mA, Pout = 50 W Avg., f = 1880 MHz,
Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 9.9 dB @ 0.01% Probability on CCDF. ACPR measured in 3.84 MHz
Channel Bandwidth @ 5MHz Offset.
Power Gain
Gps
18.0
19.0
21.0
dB
Drain Efficiency
D
30.5
32.0
—
%
Output Peak--to--Average Ratio @ 0.01% Probability on CCDF
PAR
6.4
6.8
—
dB
Adjacent Channel Power Ratio
ACPR
—
--34.0
--32.0
dBc
Input Return Loss
IRL
—
--11
--7
dB
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf. Select
Documentation/Application Notes -- AN1955.
4. Exceeds recommended operating conditions. See CW operation data in Maximum Ratings table.
5. Part internally matched both on input and output.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com