Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPL115A2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPL115A2
Description  Miniature I2C Digital Barometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPL115A2_13 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Sensors
4
Freescale Semiconductor, Inc.
MPL115A2
3
Overview of Functions/Operation
Figure 2. Sequence Flow Chart
The MPL115A interfaces to a host (or system) microcontroller in the user’s application. All communications are via I2C. A typical
usage sequence is as follows:
Initial Power-up
All circuit elements are active. I2C port pins are high impedance and associated registers are cleared. The device then enters
standby mode.
Reading Coefficient Data
The user then typically accesses the part and reads the coefficient data. The main circuits within the slave device are disabled
during read activity. The coefficients are usually stored in the host microcontoller local memory but can be re-read at any time.
It is not necessary to read the values stored in the host microcontroller multiple times because the coefficients within a device
are constant and do not change. However, note that the coefficients will be different from device to device, and cannot be used
for another part.
Data Conversion
This is the first step that is performed each time a new pressure reading is required which is initiated by the host sending the
CONVERT command. The main system circuits are activated (wake) in response to the command and after the conversion
completes, the result is placed into the Pressure and Temperature ADC output registers.
The conversion completes within the maximum conversion time, tc (see Row 7, in the Operating Characteristics Table). The
device then enters standby mode.
Compensated Pressure Reading
After the conversion has been given sufficient time to complete, the host microcontroller reads the result from the ADC output
registers and calculates the Compensated Pressure, a barometric/atmospheric pressure value which is compensated for
changes in temperature and pressure sensor linearity. This is done using the coefficient data from the MPL115A and the raw
sampled pressure and temperature ADC output values, in a compensation equation (detailed later). Note that this is an absolute
pressure measurement with a vacuum as a reference.
From this step the host controller may either wait and then return to the Data Conversion step to obtain the next pressure reading
or it may go to the Shutdown step.
Reading
coefficient data
Data conversion
Initial
powerup
Compensated
pressure reading
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com