Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPL115A2 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPL115A2
Description  Miniature I2C Digital Barometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A2 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPL115A2_13 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Sensors
12
Freescale Semiconductor, Inc.
MPL115A2
5
Handling Recommendations
It is recommended to handle the MPL115A pressure sensor with a vacuum pick and place tool. Sharp objects utilized to move
the MPL115A pressure sensor increase the possibility of damage via a foreign object/tool into the small exposed port.
The sensor die is sensitive to light exposure. Direct light exposure through the port hole can lead to varied accuracy of pressure
measurement. Avoid such exposure to the port during normal operation.
Please note that the Pin 1 designator is on the bottom of the package. Do not use the port as a orientation reference in production.
6
Soldering/Landing Pad Information
The LGA package is compliant with the RoHS standard. It is recommended to use a no-clean solder paste to reduce cleaning
exposure to high pressure and chemical agents that can damage or reduce life span of the Pressure sensing element.
Figure 6. MPL115A2 Recommended PCB Landing Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com