Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPL115A2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPL115A2
Description  Miniature I2C Digital Barometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPL115A2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Sensors
Freescale Semiconductor, Inc.
7
MPL115A2
The polynomial can be evaluated (Equation 1) as a sequence of 3 MACs:
Please refer to Freescale application note AN3785 for more detailed notes on implementation.
3.4
I2C Device Read/Write Operations
All device read/write operations are memory mapped. Device actions e.g. “Start Conversions” are controlled by writing to the
appropriate memory address location.
•For I2C the 7-bit Device Address (from Table 2) has a read/write toggle bit, where the least significant bit is ‘1’ for read
operations or ‘0’ for write operations. The Device Address is 0xC0 for a Write and the Device Address is 0xC1 for a Read.
•
The most significant bit in the Command tables below is not used and is don't care (X). In examples given it’s set to ‘0’.
Refer to Sensor I2C Setup and FAQ Application Note AN4481 for more information on I2C communication between the sensor
and host controller.
X = Don’t care
1 = The command byte needs to be paired with a 0x00 as part of the I2C exchange to complete the passing of Start Conversions.
Table 3. I2C Write Commands
Command
Binary
HEX(1)
Devices Address + Write bit
1100 0000
0xC0
Start Conversions
X001 0010
0x12
Pcomp
a0
b1
c12 Tadc
⋅
+
() Padc b2 Tadc
⋅
+
⋅
+
=
b1
c12
Tadc
a0
b2
Tadc
Padc
a1
y1
y
PComp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com