Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPL115A2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPL115A2
Description  Miniature I2C Digital Barometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPL115A2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Sensors
8
Freescale Semiconductor, Inc.
MPL115A2
The actions taken by the part in response to each command are as follows:
X = don’t care
These are MPL115A2 I2C commands to read coefficients, execute Pressure and Temperature conversions, and to read Pressure
and Temperature data. The sequence of the commands for the interaction is given as an example to operate the MPL115A2.
Utilizing this gathered data, an example of the calculating the Compensated Pressure reading is given in floating point notation.
I2C Commands (simplified for communication)
Device Address + write bit “To Write” = 0xC0
Device Address + read bit “To Read” = 0xC1
Command to Write “Convert Pressure and Temperature” = 0x12
Command to Read “Pressure ADC High byte” = 0x00
Command to Read “Pressure ADC Low byte” = 0x01
Command to Read “Temperature ADC High byte” = 0x02
Command to Read “Temperature ADC Low byte” = 0x03
Command to Read “Coefficient data byte 1 High byte” = 0x04
Read Coefficients:
[0xC0], [0x04], [0xC1], [0x3E], [0xCE], [0xB3], [0xF9], [0xC5], [0x17], [0x33], [0xC8]
Figure 3. I2C Read Coefficient Datagram
Table 4. I2C Write Command Description
Command
Action Taken
Start Conversions
Wake main circuits. Start clock. Allow supply stabilization time. Select pressure sensor input. Apply positive sensor
excitation and perform A to D conversion. Select temperature input. Perform A to D conversion. Load the Pressure and
Temperature registers with the result. Shut down main circuits and clock.
Table 5. I2C Read Command Description
Command
Binary
HEX(1)
Device Address + Read bit
1100 0001
0xC1
Read Pressure MSB
X000 0000
0x00
Read Pressure LSB
X000 0001
0x01
Read Temperature MSB
X000 0010
0x02
Read Temperature LSB
X000 0011
0x03
Read Coefficient data byte 1
X000 0100
0x04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com