Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIPSZ2012D1R0 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  VIN = 2.5V to 5.5V 1.2A Synchronous DC-DC Step Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 2Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 3Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 4Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 5Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 6Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 7Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 8Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AN30180A
6
Ver. AEB
*1
μA
0
VIN = 5.5 V,SHUTDOWN,
VLX = 0 V or 5.5 V
ILXL
LX leak current
*1
%
82
VOUT = 1.3 V, IOUT = 200mA
EF1
Efficiency 1
*1
mV[p-p]
5
VOUT = 1.15 V, IOUT=600mA
VRPL1
Output ripple voltage 1
*1
mV[p-p]
20
VOUT = 1.15 V, IOUT = 10
μA
VRPL2
Output ripple voltage 2
*1
mV
25
C = 4.7
μF, VOUT = 1.15 V,
IOUT = 10
μA to 400 mA ,
Δ t = 1 μs
VLSU
Output voltage fluctuation during
load increase
*1
mV
50
C = 4.7
μF, VOUT = 1.15 V,
IOUT = 400 mA to 10
μA,
Δ t = 1 μs
VLSD
Output voltage fluctuation during
load decrease
*1
μs
5
VOUT = 1.15 V,
IOUT = 10
μA to 400 mA,
Δ t = 1 μs
TLSU
Stabilization time when increased
load current
[DCDC] (DCDC step down regulator)
*1
A
1.8
at VOUT drops
from 1.15 V to 1.035 V
CNT1 = L , CNT2 = L
ILMT
Output current limit
Reference values
Typ
Unit
Max
Notes
Min
Conditions
Symbol
Parameter
ELECRTRICAL CHARACTERISTICS (Continued)
Cout = 4.7
μF (Murata), Lout = 1.0 μH (FDK) , VOUT Setting = 1.15V , V
IN = AVIN = PVIN = 3.7 V,
Ta = 25 °C ± 2 °C unless otherwise noted.
*1 : Typical Value checked by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com