Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIPSZ2012D1R0 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # MIPSZ2012D1R0
Description  VIN = 2.5V to 5.5V 1.2A Synchronous DC-DC Step Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIPSZ2012D1R0 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button MIPSZ2012D1R0 Datasheet HTML 9Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 10Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 11Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 12Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 13Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 14Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 15Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 16Page - Panasonic Semiconductor MIPSZ2012D1R0 Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AN30180A
13
Ver. AEB
APPLICATIONS INFORMATION
CNT1
CNT2
FB
LX
PGND
PVIN
VOUT
VIN
AN30180A
AVIN
AGND
EN
Cin1
Lout
Cout
GRM21BB31E475KA75B
Murata
4.7
μF
1
Cin2
Note
1.0
μH
4.7
μF
4.7
μF
Value
1
1
1
QTY
MIPSZ2012D1R0
FDK
Lout
GRM21BB31E475KA75B
Murata
Cin1
GRM21BB31E475KA75B
Murata
Cout
Part Number
Manufacturer
Reference Designator
Figure Top Layer with silk screen
( Top View ) with Evaluation board
Figure Bottom Layer with silk screen
( Bottom View ) with Evaluation board
1. Application circuit
2. Recommended component
3. Evaluation board layout
Cin2
Notes) This application circuit and layout is an example. The operation of mass production set is not guaranteed. You should perform
enough evaluation and verification on the design of mass production set. You are fully responsible for the incorporation of the
above application circuit and information in the design of your equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com