| Electronic Components Datasheet Search |
|
MSC8152 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8152 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc |
|
23 / 68 page ![]() Electrical Characteristics MSC8152 Dual-Core Digital Signal Processor Data Sheet, Rev. 5 Freescale Semiconductor 23 2 Electrical Characteristics This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing specifications. For additional information, see the MSC8152 Reference Manual. 2.1 Maximum Ratings In calculating timing requirements, adding a maximum value of one specification to a minimum value of another specification does not yield a reasonable sum. A maximum specification is calculated using a worst case variation of process parameter values in one direction. The minimum specification is calculated using the worst case for the same parameters in the opposite direction. Therefore, a “maximum” value for a specification never occurs in the same device with a “minimum” value for another specification; adding a maximum to a minimum represents a condition that can never exist. Table 2 describes the maximum electrical ratings for the MSC8152. Table 2. Absolute Maximum Ratings Rating Power Rail Name Symbol Value Unit Core supply voltage • Cores 0–1 PLL supply voltage3 VDD VDD VDDPLL0 VDDPLL1 VDDPLL2 –0.3 to 1.1 –0.3 to 1.1 –0.3 to 1.1 –0.3 to 1.1 V V V V M3 memory supply voltage M3VDD VDDM3 –0.3 to 1.1 V MAPLE-B supply voltage MVDD VDDM –0.3 to 1.1 V DDR memory supply voltage • DDR2 mode • DDR3 mode DDR reference voltage Input DDR voltage GVDD1, GVDD2 MVREF VDDDDR MVREF VINDDR –0.3 to 1.98 –0.3 to 1.65 –0.3 to 0.51 × VDDDDR –0.3 to VDDDDR + 0.3 V V V V I/O voltage excluding DDR and RapidIO lines Input I/O voltage NVDD, QVDD VDDIO VINIO –0.3 to 2.625 –0.3 to VDDIO + 0.3 V V RapidIO pad voltage SXPVDD1, SXPVDD2 VDDSXP –0.3 to 1.26 V Rapid I/O core voltage Rapid I/O PLL voltage3 Input RapidIO I/O voltage SXCVDD1, SXCVDD2 VDDSXC VDDRIOPLL VINRIO –0.3 to 1.21 –0.3 to 1.21 –0.3 to VDDSXC + 0.3 V V V Operating temperature TJ –40 to 105 °C Storage temperature range TSTG –55 to +150 °C Notes: 1. Functional operating conditions are given in Table 3. 2. Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond the listed limits may affect device reliability or cause permanent damage. 3. PLL supply voltage is specified at input of the filter and not at pin of the MSC8152 (see Figure 37 and Figure 38) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |