Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8532 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8532
Description  Low Cost, 250 mA Output Single-Supply Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8532 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8532 Datasheet HTML 3Page - Analog Devices AD8532 Datasheet HTML 4Page - Analog Devices AD8532 Datasheet HTML 5Page - Analog Devices AD8532 Datasheet HTML 6Page - Analog Devices AD8532 Datasheet HTML 7Page - Analog Devices AD8532 Datasheet HTML 8Page - Analog Devices AD8532 Datasheet HTML 9Page - Analog Devices AD8532 Datasheet HTML 10Page - Analog Devices AD8532 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8531/AD8532/AD8534
REV. D
–7–
80
60
40
20
0
FREQUENCY – Hz
1k
10k
100k
1M
10M
100
100
120
140
–60
–40
–20
PSRR–
PSRR+
VS = 5V
TA = 25 C
Figure 20. Power Supply Rejection
vs. Frequency
CAPACITANCE – pF
10
100
10000
1000
50
40
0
30
20
10
–OS
+OS
VS = 5V
TA = 25 C
RL = 600
Figure 23. Small Signal Overshoot
vs. Load Capacitance
SUPPLY VOLTAGE –
Volts
0.80
0.30
0.00
0.75 1.00
1.50
2.00
2.50
3.00
0.70
0.40
0.20
0.10
0.60
0.50
TA = 25 C
Figure 26. Supply Current per
Amplifier vs. Supply Voltage
CAPACITANCE – pF
10
100
10000
1000
50
40
0
30
20
10
–OS
+OS
VS = 2.7V
TA = 25 C
RL = 2k
Figure 21. Small Signal Overshoot
vs. Load Capacitance
CAPACITANCE – pF
10
100
10000
1000
50
40
0
30
20
10
–OS
+OS
VS = 2.7V
TA = 25 C
RL = 600
Figure 24. Small Signal Overshoot
vs. Load Capacitance
500 ns/DIV
VS = 1.35V
VIN = 50mV
AV = 1
RL = 2k
CL = 300pF
TA = 25 C
0V
Figure 27. Small Signal Transient
Response
50
40
0
30
20
10
60
CAPACITANCE – pF
10
100
10000
1000
–OS
+OS
VS = 5V
TA = 25 C
RL = 2k
Figure 22. Small Signal Overshoot
vs. Load Capacitance
TEMPERATURE – C
0.9
0.65
0.5
–40
–20
0
20
4060
80
0.85
0.7
0.6
0.55
0.8
0.75
VS = 5V
VS = 3V
Figure 25. Supply Current per
Amplifier vs. Temperature
500 ns/DIV
VS = 2.5V
VIN = 50mV
AV = 1
RL = 2k
CL = 300pF
TA = 25 C
0V
Figure 28. Small Signal Transient
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com