Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8532 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8532
Description  Low Cost, 250 mA Output Single-Supply Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8532 Datasheet(HTML) 1 Page - Analog Devices

  AD8532 Datasheet HTML 1Page - Analog Devices AD8532 Datasheet HTML 2Page - Analog Devices AD8532 Datasheet HTML 3Page - Analog Devices AD8532 Datasheet HTML 4Page - Analog Devices AD8532 Datasheet HTML 5Page - Analog Devices AD8532 Datasheet HTML 6Page - Analog Devices AD8532 Datasheet HTML 7Page - Analog Devices AD8532 Datasheet HTML 8Page - Analog Devices AD8532 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
Low Cost, 250 mA Output
Single-Supply Amplifiers
AD8531/AD8532/AD8534
GENERAL DESCRIPTION
The AD8531, AD8532, and AD8534 are single, dual and quad
rail-to-rail input and output single-supply amplifiers featuring
250 mA output drive current. This high output current makes
these amplifiers excellent for driving either resistive or capacitive
loads. AC performance is very good with 3 MHz bandwidth,
5 V/
ms slew rate and low distortion. All are guaranteed to oper-
ate from a 3 volt single supply as well as a 5 volt supply.
The very low input bias currents enable the AD853x to be used
for integrators, diode amplification and other applications requiring
low input bias current. Supply current is only 750
mA per amplifier
at 5 volts, allowing low current applications to control high
current loads.
Applications include audio amplification for computers, sound
ports, sound cards and set-top boxes. The AD853x family is
very stable and capable of driving heavy capacitive loads, such as
those found in LCDs.
The ability to swing rail-to-rail at the inputs and outputs enables
designers to buffer CMOS DACs, ASICs or other wide output
swing devices in single-supply systems.
The AD8531, AD8532, and AD8534 are specified over the
extended industrial (–40
∞C to +85∞C) temperature range. The
AD8531. The AD8532 is available in 8-lead SOIC, MSOP,
TSSOP surface-mount packages. The AD8534 is available in
narrow SO-14 and 14-lead TSSOP surface-mount packages.
All TSSOP, SOT, and SC70 versions are available in tape
and reel only.
FEATURES
Single-Supply Operation: 2.7 Volts to 6 Volts
High Output Current:
250 mA
Low Supply Current: 750
A/Amplifier
Wide Bandwidth: 3 MHz
Slew Rate: 5 V/ s
No Phase Reversal
Low Input Currents
Unity Gain Stable
Rail-to-Rail Input and Output
APPLICATIONS
Multimedia Audio
LCD Driver
ASIC Input or Output Amplifier
Headphone Driver
PIN CONFIGURATIONS
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
14-Lead SOIC, and TSSOP
(R, and RU Suffixes)
AD8534
1
2
3
4
14
13
12
11
OUT A
–IN A
+IN A
V+
V–
+IN D
–IN D
OUT D
5
6
7
10
9
8
+IN B
–IN B
OUT B
OUT C
–IN C
+IN C
8-Lead SOIC, TSSOP, and MSOP
(R, RU, and RM Suffixes)
AD8532
1
2
3
4
8
7
6
5
OUT A
–IN A
+IN A
V–
+IN B
–IN B
OUT B
V+
8-Lead SOIC, TSSOP, and MSOP
(R, RU, and RM Suffixes)
NULL
–IN A
+IN A
V–
V+
OUT A
NULL
NC
1
2
3
4
8
7
6
5
AD8531
5-Lead SC70 and SOT-23
(KS and RT Suffixes)
1
2
3
5
4
IN A
+IN A
V+
OUT A
AD8531
V


Similar Part No. - AD8532

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8532 AD-AD8532 Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8532AR AD-AD8532AR Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8532AR-REEL AD-AD8532AR-REEL Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8532AR-REEL7 AD-AD8532AR-REEL7 Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8532ARM-R2 AD-AD8532ARM-R2 Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
More results

Similar Description - AD8532

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8531 AD-AD8531_08 Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
Texas Instruments
TPS65133 TI-TPS65133 Datasheet
1Mb / 19P
5 V, 250 mA Dual Output Power Supply
logo
Analog Devices
AD8279ARZ AD-AD8279ARZ Datasheet
513Kb / 24P
Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
AD8534 AD-AD8534_15 Datasheet
508Kb / 20P
Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
Texas Instruments
TPS65133_15 TI-TPS65133_15_15 Datasheet
1Mb / 26P
TPS65133 짹5-V, 250-mA Dual-Output Power Supply
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
logo
Texas Instruments
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
logo
Analog Devices
AD8223 AD-AD8223_16 Datasheet
414Kb / 21P
Single-Supply, Low Cost Instrumentation Amplifier
Rev. 0
logo
Texas Instruments
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com