Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8591 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8591
Description  CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8591 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8591 Datasheet HTML 2Page - Analog Devices AD8591 Datasheet HTML 3Page - Analog Devices AD8591 Datasheet HTML 4Page - Analog Devices AD8591 Datasheet HTML 5Page - Analog Devices AD8591 Datasheet HTML 6Page - Analog Devices AD8591 Datasheet HTML 7Page - Analog Devices AD8591 Datasheet HTML 8Page - Analog Devices AD8591 Datasheet HTML 9Page - Analog Devices AD8591 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AD8591/AD8592/AD8594
–6–
REV. A
FREQUENCY – Hz
80
60
1k
10k
100M
100k
1M
10M
40
0
20
VS = +5V
TA = +25 C
100
120
140
160
180
200
AV = 10
AV = 1
Figure 13. Closed-Loop Output
Impedance vs. Frequency
FREQUENCY – Hz
110
90
50
1k
10k
10M
100k
1M
80
70
60
VS = +5V
TA = +25 C
100
Figure 14. Common-Mode Rejection
Ratio vs. Frequency
FREQUENCY – Hz
80
60
1k
10k
100k
1M
10M
40
0
20
VS = +2.5V
TA = +25 C
100
100
120
140
20
40
60
+PSRR
PSRR
Figure 15. Power Supply Rejection
Ratio vs. Frequency
FREQUENCY – Hz
80
60
1k
10k
100k
1M
10M
40
0
20
VS = +5V
TA = +25 C
100
100
120
140
20
40
60
+PSRR
PSRR
Figure 16. Power Supply Rejection
Ratio vs. Frequency
CAPACITANCE – pF
60
50
0
10
100
10k
1k
30
20
10
40
VS = +2.5V
RL = 2k
TA = +25 C
+OS
OS
Figure 17. Small Signal Overshoot
vs. Load Capacitance
CAPACITANCE – pF
60
50
0
10
100
10k
1k
30
20
10
40
VS = +5V
RL = 2k
TA = +25 C
+OS
OS
Figure 18. Small Signal Overshoot
vs. Load Capacitance
500 ns/DIV
VS = 1.35V
VIN = 50mV
AV = 1
RL = 2k
CL = 300pF
TA = +25 C
0V
Figure 19. Small Signal Transient
Response
500 ns/DIV
VS = 2.5V
VIN = 50mV
AV = 1
RL = 2k
CL = 300pF
TA = +25 C
0V
Figure 20. Small Signal Transient
Response
10
0%
500ns
500mV
100
90
VS = 1.35V
AV = 1
RL = 2k
TA = +25 C
Figure 21. Large Signal Transient
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com