Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8591 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8591
Description  CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8591 Datasheet(HTML) 1 Page - Analog Devices

  AD8591 Datasheet HTML 1Page - Analog Devices AD8591 Datasheet HTML 2Page - Analog Devices AD8591 Datasheet HTML 3Page - Analog Devices AD8591 Datasheet HTML 4Page - Analog Devices AD8591 Datasheet HTML 5Page - Analog Devices AD8591 Datasheet HTML 6Page - Analog Devices AD8591 Datasheet HTML 7Page - Analog Devices AD8591 Datasheet HTML 8Page - Analog Devices AD8591 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8591/AD8592/AD8594
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
CMOS Single Supply
Rail-to-Rail Input/Output
Operational Amplifiers with Shutdown
PIN CONFIGURATIONS
6-Lead SOT
(RT Suffix)
6
4
1
2
3
OUT A
IN A
V
V
IN A
5
SD
AD8591
10-Lead
SOIC
(RM Suffix)
SDA
SDB
5
6
V–
+IN B
4
7
OUT A
–IN A
+IN A
V+
OUT B
1
2
3
10
9
8
–IN B
AD8592
(Not to Scale)
16-Lead Narrow SOIC
(R Suffix)
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC = NO CONNECT
OUT A
IN A
V
IN A
IN B
IN B
OUT B
NC
OUT D
IN D
IN D
V
IN C
IN C
OUT C
SD
AD8594
16-Lead TSSOP
(RU Suffix)
NC
SD
OUT A
IN A
IN A
V
IN D
IN D
V
OUT D
1
IN B
IN B
OUT B
IN C
OUT C
+IN C
16
AD8594
1
89
NC = NO CONNECT
FEATURES
Single Supply Operation: +2.5 V to +6 V
High Output Current:
250 mA
Extremely Low Shutdown Supply Current: 100 nA
Low Supply Current: 750
A/Amp
Wide Bandwidth: 3 MHz
Slew Rate: 5 V/ s
No Phase Reversal
Very Low Input Bias Current
High Impedance Outputs When in Shutdown Mode
Unity Gain Stable
APPLICATIONS
Mobile Communication Handset Audio
PC Audio
PCMCIA/Modem Line Driving
Battery Powered Instrumentation
Data Acquisition
ASIC Input or Output Amplifier
LCD Display Reference Level Driver
GENERAL DESCRIPTION
The AD8591, AD8592 and AD8594 are single, dual and quad
rail-to-rail input and output single supply amplifiers featuring
250 mA output drive current and a power saving shutdown
mode. The AD8592 includes an independent shutdown func-
tion for each amplifier. When both amplifiers are in shutdown
mode the total supply current is reduced to less than 1
µA. The
AD8591 and AD8594 include a single master shutdown func-
tion that reduces total supply current to less than 1
µA. All
amplifier outputs are in a high impedance state when in shut-
down mode.
These amplifiers have very low input bias currents, making them
suitable for integrators and diode amplification. Outputs are
stable with virtually any capacitive load. Supply current is less
than 750
µA per amplifier in active mode.
Applications for these amplifiers include audio amplification for
portable computers, portable phone headsets, sound ports, sound
cards and set-top boxes. The AD859x family is capable of driving
heavy capacitive loads such as LCD panel reference levels.
The ability to swing rail-to-rail at both the input and output
enables designers to buffer CMOS DACs, ASICs and other
wide output swing devices in single supply systems.
The AD8591, AD8592 and AD8594 are specified over the indus-
trial (–40
°C to +85°C) temperature range. The AD8591, single,
is available in the tiny 6-lead SOT package. The AD8592, dual, is
available in the 10-lead
µSOIC surface mount package. The
AD8594, quad, is available in 16-lead narrow SOIC and 16-lead
TSSOP packages.


Similar Part No. - AD8591

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591 Datasheet
706Kb / 20P
Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
REV. D
AD8591 AD-AD8591 Datasheet
804Kb / 19P
Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
AD8591 AD-AD8591 Datasheet
407Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8591ART-REEL AD-AD8591ART-REEL Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
More results

Similar Description - AD8591

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP250 AD-OP250 Datasheet
209Kb / 16P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV.0
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8594 AD-AD8594 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8591 AD-AD8591_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com