Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8605ART Datasheet(PDF) 5 Page - Analog Devices

Part # AD8605ART
Description  Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8605ART Datasheet(HTML) 5 Page - Analog Devices

  AD8605ART Datasheet HTML 1Page - Analog Devices AD8605ART Datasheet HTML 2Page - Analog Devices AD8605ART Datasheet HTML 3Page - Analog Devices AD8605ART Datasheet HTML 4Page - Analog Devices AD8605ART Datasheet HTML 5Page - Analog Devices AD8605ART Datasheet HTML 6Page - Analog Devices AD8605ART Datasheet HTML 7Page - Analog Devices AD8605ART Datasheet HTML 8Page - Analog Devices AD8605ART Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8605/AD8606/AD8608
Rev. D | Page 5 of 20
2.7 V ELECTRICAL SPECIFICATIONS
Table 2. @ VS = 2.7 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
AD8605/AD8606
VS = 3.5 V, VCM = 3 V
20
65
µV
AD8608
VS = 3.5 V, VCM = 2.7 V
20
75
µV
VS = 2.7 V, VCM = 0 V to 2.7 V
80
300
µV
−40°C < TA < +125°C
750
µV
Input Bias Current
IB
0.2
1
pA
AD8605/AD8606
−40°C < TA < +85°C
50
pA
AD8605/AD8606
−40°C < TA < +125°C
250
pA
AD8608
−40°C < TA < +85°C
100
pA
AD8608
−40°C < TA < +125°C
300
pA
Input Offset Current
IOS
0.1
0.5
pA
−40°C < TA < +85°C
20
pA
−40°C < TA < +125°C
75
pA
Input Voltage Range
0
2.7
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.7 V
80
95
dB
−40°C < TA < +125°C
70
85
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO= 0.5 V to 2.2 V
110
350
V/mV
Offset Voltage Drift
AD8605/AD8606
∆VOS/∆T
1
4.5
µV/°C
AD8608
∆VOS/∆T
1.5
6.0
µV/°C
INPUT CAPACITANCE
Common-Mode Input Capacitance
8.8
pF
Differential Input Capacitance
2.59
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA
2.6
2.66
V
−40°C < TA < +125°C
2.6
V
Output Voltage Low
VOL
IL = 1 mA
25
40
mV
−40°C < TA < +125°C
50
mV
Output Current
IOUT
±30
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = 1
12
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
AD8605/AD8606
VS = 2.7 V to 5.5 V
80
95
dB
AD8608
VS = 2.7 V to 5.5 V
77
92
dB
−40°C < TA < +125°C
70
90
dB
Supply Current/Amplifier
ISY
VO = 0 V
1.15
1.4
mA
−40°C < TA < +125°C
1.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
5
V/µs
Settling Time
tS
To 0.01%, 0 V to 1 V step
< 0.5
µs
Gain Bandwidth Product
GBP
9
MHz
Phase Margin
ϕO
50
Degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
f = 0.1 Hz to 10 Hz
2.3
3.5
µV p-p
Voltage Noise Density
en
f = 1 kHz
8
12
nV/√Hz
Voltage Noise Density
en
f = 10 kHz
6.5
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.01
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com