Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8605ART Datasheet(PDF) 14 Page - Analog Devices

Part # AD8605ART
Description  Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8605ART Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8605ART Datasheet HTML 10Page - Analog Devices AD8605ART Datasheet HTML 11Page - Analog Devices AD8605ART Datasheet HTML 12Page - Analog Devices AD8605ART Datasheet HTML 13Page - Analog Devices AD8605ART Datasheet HTML 14Page - Analog Devices AD8605ART Datasheet HTML 15Page - Analog Devices AD8605ART Datasheet HTML 16Page - Analog Devices AD8605ART Datasheet HTML 17Page - Analog Devices AD8605ART Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8605/AD8606/AD8608
Rev. D | Page 14 of 20
FREQUENCY (Hz)
0.1
0.01
0.0001
20
20k
100
1k
0.001
10k
VSY = 2.5V
AV = 1
BW = 22kHz
Figure 45. THD + N
TOTAL NOISE INCLUDING SOURCE RESISTORS
The low input current noise and input bias current of the
AD8605 make it the ideal amplifier for circuits with substantial
input source resistance such as photodiodes. Input offset voltage
increases by less than 0.5 nV per 1 kΩ of source resistance at
room temperature and increases to 10 nV at 85°C. The total
noise density of the circuit is
()
S
S
n
n
TOTAL
n
TR
k
R
i
e
e
4
2
2
,
+
+
=
where:
en is the input voltage noise density of the AD8605
in is the input current noise density of the AD8605
RS is the source resistance at the noninverting terminal
k is Boltzmann’s constant (1.38 × 10−23 J/K)
T is the ambient temperature in Kelvin (T = 273 + °C)
For example, with RS = 10 kΩ, the total voltage noise density is
roughly 15 nV/√Hz.
For RS < 3.9 kΩ, en dominates and en,TOTAL ≈ en.
The current noise of the AD8605 is so low that its total density
does not become a significant term unless RS is greater than
6 MΩ. The total equivalent rms noise over a specific bandwidth
is expressed as
(
) BW
e
E
TOTAL
n
n
,
=
where BW is the bandwidth in hertz.
Note that the analysis above is valid for frequencies greater than
100 Hz and assumes relatively flat noise, above 10 kHz. For
lower frequencies, flicker noise (1/f) must be considered.
CHANNEL SEPARATION
Channel separation, or inverse crosstalk, is a measure of the
signal feed from one amplifier (channel) to an other on the
same IC.
The AD8606 has a channel separation of greater than −160 dB
up to frequencies of 1 MHz, allowing the two amplifiers to
amplify ac signals independently in most applications.
FREQUENCY (Hz)
10M
1M
100k
10k
1k
100
100M
–20
0
–40
–60
–80
–100
–120
–140
–160
–180
Figure 46. Channel Separation vs. Frequency
CAPACITIVE LOAD DRIVE
The AD8605 can drive large capacitive loads without oscillation.
Figure 47 shows the output of the AD8606 in response to a
200 mV input signal. In this case, the amplifier was configured
in positive unity gain, worst case for stability, while driving a
1,000 pF load at its output. Driving larger capacitive loads in
unity gain may require the use of additional circuitry.
TIME (10
µs/DIV)
VS = ±2.5V
AV = 1
RL = 10kΩ
CL = 1
Figure 47. Capacitive Load Drive without Snubber
A snubber network, shown in Figure 48, helps reduce the signal
overshoot to a minimum and maintain stability. Although this
circuit does not recover the loss of bandwidth induced by large
capacitive loads, it greatly reduces the overshoot and ringing.
This method does not reduce the maximum output swing of
the amplifier.
Figure 49 shows a scope photograph of the output at the
snubber circuit. The overshoot is reduced from over 70% to
less than 5%, and the ringing is eliminated by the snubber.
Optimum values for RS and CS are determined experimentally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com