Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8611ARM Datasheet(PDF) 4 Page - Analog Devices

Part # AD8611ARM
Description  Ultrafast 4 ns Single Supply Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8611ARM Datasheet(HTML) 4 Page - Analog Devices

  AD8611ARM Datasheet HTML 1Page - Analog Devices AD8611ARM Datasheet HTML 2Page - Analog Devices AD8611ARM Datasheet HTML 3Page - Analog Devices AD8611ARM Datasheet HTML 4Page - Analog Devices AD8611ARM Datasheet HTML 5Page - Analog Devices AD8611ARM Datasheet HTML 6Page - Analog Devices AD8611ARM Datasheet HTML 7Page - Analog Devices AD8611ARM Datasheet HTML 8Page - Analog Devices AD8611ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8611/AD8612
–4–
REV. 0
TEMPERATURE – C
8
0
50
100
25
0
25
50
75
6
5
4
2
1
3
7
V+ = 5V
OVERDRIVE > 10mV
PD
PD+
Figure 1. Propagation Delay Over Temperature
OVERDRIVE – mV
18
16
0
0
25
5
10
15
20
10
6
4
2
14
12
8
V+ = 5V
TA = 25 C
PD
PD+
Figure 2. Propagation Delay vs. Overdrive
V+ = 5V
TA = 25 C
OVERDRIVE > 10mV
CAPACITANCE – pF
8
0
0
80
20
40
60
6
5
4
2
1
3
7
PD
PD+
Figure 3. Propagation Delay vs. Load Capacitance
V+ = 5V
TA = 25 C
OVERDRIVE = 5mV
SOURCE RESISTANCE – k
18
0
0
2.5
0.5
1.0
1.5
2.0
6
2
14
12
8
PD
PD+
Figure 4. Propagation Delay vs. Source Resistance
SUPPLY VOLTAGE – V
8
7
0
26
3
45
4
3
2
1
6
5
TA = 25 C
STEP = 100 mV
OVERDRIVE > 10 mV
PD+
PD
Figure 5. Propagation Delay vs. Supply Voltage
COMMON-MODE VOLTAGE – V
35
30
0
26
3
45
15
10
5
25
20
TA = 25 C
STEP = 100 mV
OVERDRIVE = 50 mV
PD+
PD
Figure 6. Propagation Delay vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com