Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8611ARM Datasheet(PDF) 9 Page - Analog Devices

Part # AD8611ARM
Description  Ultrafast 4 ns Single Supply Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8611ARM Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8611ARM Datasheet HTML 4Page - Analog Devices AD8611ARM Datasheet HTML 5Page - Analog Devices AD8611ARM Datasheet HTML 6Page - Analog Devices AD8611ARM Datasheet HTML 7Page - Analog Devices AD8611ARM Datasheet HTML 8Page - Analog Devices AD8611ARM Datasheet HTML 9Page - Analog Devices AD8611ARM Datasheet HTML 10Page - Analog Devices AD8611ARM Datasheet HTML 11Page - Analog Devices AD8611ARM Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD8611/AD8612
–9–
REV. 0
A 5 V High-Speed Window Comparator
A window comparator circuit is used to detect when a signal is
between two fixed voltages. The AD8612 can be used to create
a high-speed window comparator, as shown in Figure 20. Here,
the reference window voltages are set as:
V
R
RR
V
R
RR
HI
LO
=
+
=
+
2
12
4
34
The output of the A1 comparator will go high when the input
signal exceeds VHI, and the output of A2 will go high only when
VIN drops below VLO. When the input voltage is between VHI and
VLO, both comparator outputs will be low, turning off both Q1 and
Q2, thus driving VOUT to a high state. If the input signal goes
outside of the reference voltage window, then VOUT will go low.
To ensure a minimum of switching delay, high-speed transistors
are recommended for Q1 and Q2. Using the AD8612 with
2N3960 transistors provides a total propagation delay from
VIN to VOUT of less than 10 ns.
Table III. Window Comparator Output States
VHI
5V
5V
R1
R2
6
7
3
4
10
1
VIN
AD612
1k
VLO
5V
R3
R4
9
8
11
5
12
14
AD612
1k
Q1
5V
VOUT
1k
500
Q2
Q1, Q2 = 2N3960
500
PINS 2 AND 13 ARE NO CONNECTS
A1
A2
Figure 20. A High-Speed Window Comparator
VOUT
Input Voltage
= 200 mV
VIN < VLO
+ 5 V
VLO < VIN < VHI
= 200 mV
VIN > VHI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com