Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP27FP Datasheet(PDF) 5 Page - Analog Devices

Part # OP27FP
Description  Low-Noise, Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27FP Datasheet(HTML) 5 Page - Analog Devices

  OP27FP Datasheet HTML 1Page - Analog Devices OP27FP Datasheet HTML 2Page - Analog Devices OP27FP Datasheet HTML 3Page - Analog Devices OP27FP Datasheet HTML 4Page - Analog Devices OP27FP Datasheet HTML 5Page - Analog Devices OP27FP Datasheet HTML 6Page - Analog Devices OP27FP Datasheet HTML 7Page - Analog Devices OP27FP Datasheet HTML 8Page - Analog Devices OP27FP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
–5–
OP27
OP27N
OP27G
OP27GR
Parameter
Symbol
Conditions
Limit
Limit
Limit
Unit
INPUT OFFSET VOLTAGE
*
VOS
35
60
100
µV Max
INPUT OFFSET CURRENT
IOS
35
50
75
nA Max
INPUT BIAS CURRENT
IB
±40
±55
±80
nA Max
INPUT VOLTAGE RANGE
IVR
±11
±11
±11
V Min
COMMON-MODE REJECTION
RATIO
CMRR
VCM = IVR
114
106
100
dB Min
POWER SUPPLY
PSRR
VS =
±4 V to ±18 V
10
10
20
µV/V Max
LARGE-SIGNAL VOLTAGE
GAIN
AVO
RL
≥ 2 kΩ, V
O =
±10 V
1000
1000
700
V/mV Min
AVO
RL
≥ 600 Ω, VO = ±10 V
800
800
600
V/mV Min
OUTPUT VOLTAGE SWING
VO
RL
≥ 2 kΩ±12.0
±12.0
+11.5
V Min
VO
RL2600n
±10.0
±10.0
±10.0
V Min
POWER CONSUMPTION
Pd
VO = 0
140
140
170
mW Max
NOTE
*Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
WAFER TEST LIMITS (@ V
S =
±15 V, TA = 25 C unless otherwise noted.)
DICE CHARACTERISTICS
1. NULL
2. (–) INPUT
3. (+) INPUT
4. V–
6. OUTPUT
7. V+
8. NULL
DIE SIZE 0.109
0.055 INCH, 5995 SQ. MILS
(2.77
1.40mm, 3.88 SQ. mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com