Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP27FP Datasheet(PDF) 3 Page - Analog Devices

Part # OP27FP
Description  Low-Noise, Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27FP Datasheet(HTML) 3 Page - Analog Devices

  OP27FP Datasheet HTML 1Page - Analog Devices OP27FP Datasheet HTML 2Page - Analog Devices OP27FP Datasheet HTML 3Page - Analog Devices OP27FP Datasheet HTML 4Page - Analog Devices OP27FP Datasheet HTML 5Page - Analog Devices OP27FP Datasheet HTML 6Page - Analog Devices OP27FP Datasheet HTML 7Page - Analog Devices OP27FP Datasheet HTML 8Page - Analog Devices OP27FP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
–3–
OP27
(@ VS =
±15 V, –55 C ≤ TA ≤ 125 C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS
OP27A
OP27C
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET
VOLTAGE
1
VOS
30
60
70
300
µV
AVERAGE INPUT
OFFSET DRIFT
TCVOS
2
TCVOSn
3
0.2
0.6
4
1.8
µV/°C
INPUT OFFSET
CURRENT
IOS
15
50
30
135
nA
INPUT BIAS
CURRENT
IB
±20
±60
±35
±150 nA
INPUT VOLTAGE
RANGE
IVR
±10.3
±11.5
±10.2
±11.5
V
COMMON-MODE
REJECTION RATIO CMRR
VCM =
±10 V
108
122
94
118
dB
POWER SUPPLY
REJECTION RATIO PSRR
VS =
±4.5 V to ±18 V
2
16
4
51
µV/V
LARGE-SIGNAL
VOLTAGE GAIN
AVO
RL
≥ 2 kΩ, VO = ±10 V 600
1200
300
800
V/mV
OUTPUT
VOLTAGE SWING
VO
RL
≥ 2 kΩ±11.5
±13.5
±10.5
±13.0
V
NOTES
1Input offset voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power. A/E grades guaranteed fully
warmed up.
2The TCV
OS performance is within the specifications unnulled or when nulled with R P = 8 k
Ω to 20 kΩ. TCV
OS is 100% tested for A/E grades, sample tested for
C/F/G grades.
3Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com