Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9059PCB Datasheet(PDF) 4 Page - Analog Devices

Part # AD9059PCB
Description  Dual 8-Bit, 60 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9059PCB Datasheet(HTML) 4 Page - Analog Devices

  AD9059PCB Datasheet HTML 1Page - Analog Devices AD9059PCB Datasheet HTML 2Page - Analog Devices AD9059PCB Datasheet HTML 3Page - Analog Devices AD9059PCB Datasheet HTML 4Page - Analog Devices AD9059PCB Datasheet HTML 5Page - Analog Devices AD9059PCB Datasheet HTML 6Page - Analog Devices AD9059PCB Datasheet HTML 7Page - Analog Devices AD9059PCB Datasheet HTML 8Page - Analog Devices AD9059PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9059
–4–
REV. 0
PIN DESCRIPTIONS
Pin No.
Name
Function
1, 28
AINA, AINB
Analog Inputs for ADC A and B.
2
VREF
Internal Voltage Reference (+2.5 V
Typical); Bypass with 0.1
µF to
Ground or Overdrive with External
Voltage Reference.
3
PWRDN
Power-Down Function Select;
Logic HIGH for Power-Down
Mode (Digital Outputs Go to High-
Impedance State).
4, 25
VD
Analog +5 V Power Supply.
5, 24, 27
GND
Ground.
6, 23
VDD
Digital Output Power Supply.
Nominally +3 V to +5 V.
7–14
D7A–D0A
Digital Outputs of ADCA.
22–15
D7B–D0B
Digital Outputs of ADCB.
26
ENCODE
Encode Clock for ADCs A and B
(ADCs Sample Simultaneously On
the Rising Edge of ENCODE).
Table I. Digital Coding (VREF = +2.5 V)
Analog Input
Voltage Level
Digital Output
3.0 V
Positive Full Scale
1111 1111
2.502 V
Midscale + 1/2 LSB
1000 0000
2.498 V
Midscale – 1/2 LSB
0111 1111
2.0 V
Negative Full Scale
0000 0000
N
N + 3
N + 5
N + 1
N + 2
N + 4
tA
tV
tPD
tEH
tEL
N – 3
N – 2
N – 1
N
N + 1
N + 2
ENCODE
AIN
DIGITAL
OUTPUTS
tA
tEH
tEL
tV
tPD
APERTURE DELAY
PULSE WIDTH HIGH
PULSE WIDTH LOW
OUTPUT VALID TIME
OUTPUT PROP DELAY
6.7ns
6.7ns
4.0ns
2.7ns
6.6ns
9.5ns
166ns
166ns
14.2ns
MIN
TYP
MAX
Figure 1. Timing Diagram
PIN CONFIGURATION
14
13
12
11
10
17
16
15
19
18
20
28
27
26
25
24
23
22
21
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD9059
AINA
VD
ENCODE
GND
AINB
VREF
PWRDN
VD
D7B (MSB)
VDD
GND
GND
VDD
D7A (MSB)
D6A
D5A
D4A
D4B
D5B
D6B
D3A
D2A
D1A
D0A (LSB)
D3B
D0B (LSB)
D1B
D2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com